Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B72205S0950K101 Datasheet(PDF) 3 Page - EPCOS

Part # B72205S0950K101
Description  SIOV metal oxide varistors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72205S0950K101 Datasheet(HTML) 3 Page - EPCOS

  B72205S0950K101 Datasheet HTML 1Page - EPCOS B72205S0950K101 Datasheet HTML 2Page - EPCOS B72205S0950K101 Datasheet HTML 3Page - EPCOS B72205S0950K101 Datasheet HTML 4Page - EPCOS B72205S0950K101 Datasheet HTML 5Page - EPCOS B72205S0950K101 Datasheet HTML 6Page - EPCOS B72205S0950K101 Datasheet HTML 7Page - EPCOS B72205S0950K101 Datasheet HTML 8Page - EPCOS B72205S0950K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
1) Jump-start strength (max. 24 V, 5 minutes)
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
(untaped)
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
VRMS =
11 V
B72205S0110K101
S05K11
11
14
100
0.3
0.01
B72207S0110K101
S07K11
11
14
250
0.8
0.02
B72210S0110K101
S10K11
11
14
500
1.7
0.05
B72214S0110K101
S14K11
11
14
1000
3.2
0.10
B72220S0110K101
S20K11
11
14
2000
10.0
0.20
VRMS =
14 V
B72205S0140K101
S05K14
14
18
100
0.4
0.01
B72207S0140K101
S07K14
14
181)
250
0.9
0.02
B72210S0140K101
S10K14
14
181)
500
2.0
0.05
B72214S0140K101
S14K14
14
181)
1000
4.0
0.10
B72220S0140K101
S20K14
14
181)
2000
12.0
0.20
VRMS =
17 V
B72205S0170K101
S05K17
17
22
100
0.5
0.01
B72207S0170K101
S07K17
17
22
250
1.1
0.02
B72210S0170K101
S10K17
17
22
500
2.5
0.05
B72214S0170K101
S14K17
17
22
1000
5.0
0.10
B72220S0170K101
S20K17
17
22
2000
14.0
0.20
VRMS =
20 V
B72205S0200K101
S05K20
20
26
100
0.6
0.01
B72207S0200K101
S07K20
20
26
250
1.3
0.02
B72210S0200K101
S10K20
20
26
500
3.1
0.05
B72214S0200K101
S14K20
20
26
1000
6.0
0.10
B72220S0200K101
S20K20
20
26
2000
18.0
0.20
VRMS =
25 V
B72205S0250K101
S05K25
25
31
100
0.7
0.01
B72207S0250K101
S07K25
25
31
250
1.6
0.02
B72210S0250K101
S10K25
25
31
500
3.7
0.05
B72214S0250K101
S14K25
25
31
1000
7.0
0.10
B72220S0250K101
S20K25
25
31
2000
22.0
0.20
VRMS =
30 V
B72205S0300K101
S05K30
30
38
100
0.9
0.01
B72207S0300K101
S07K30
30
38
250
2.0
0.02
B72210S0300K101
S10K30
30
38
500
4.4
0.05
B72214S0300K101
S14K30
30
38
1000
9.0
0.10
B72220S0300K101
S20K30
30
38
2000
26.0
0.20
Leaded varistors
B722*
StandarD series
Page 3 of 46
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72205S0950K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S0950K101 EPCOS-B72205S0950K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72205S0950K101 EPCOS-B72205S0950K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72205S0950K101 EPCOS-B72205S0950K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72205S0950K101 EPCOS-B72205S0950K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
B72205S0950K101 EPCOS-B72205S0950K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72205S0950K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com