Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6654B Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6654B
Description  Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6654B Datasheet(HTML) 1 Page - Texas Instruments

  PT6654B Datasheet HTML 1Page - Texas Instruments PT6654B Datasheet HTML 2Page - Texas Instruments PT6654B Datasheet HTML 3Page - Texas Instruments PT6654B Datasheet HTML 4Page - Texas Instruments PT6654B Datasheet HTML 5Page - Texas Instruments PT6654B Datasheet HTML 6Page - Texas Instruments PT6654B Datasheet HTML 7Page - Texas Instruments PT6654B Datasheet HTML 8Page - Texas Instruments PT6654B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For technical support and further information, visit http://power.ti.com
Standard Application
Features
Single Device: 5-A Output
Input Voltage Range: 9 V to 28 V
12 V / 24 V Input Compatible
Adjustable Output Voltage
80 % Efficiency
Output Remote Sense
On/Off Standby Function
Pin-Out Information
Pin
Function
1
Remote Sense
2
Do Not Connect
3
STBY*
4Vin
5Vin
6Vin
7
GND
8
GND
9
GND
10
GND
11
Vout
12
Vout
13
Vout
14
Vo Adjust *
* For further information, see
application notes.
Description
The PT6650 power modules are a series
of high efficiency, non-isolated step-down
integrated switching regulators (ISRs).
These regulators are designed to operate
over a 9 V to 28 V input voltage range to
produce a tightly regulated output voltage
at load currents of up to 5 A. The wide
input voltage range allows them to oper-
ate off either a 12 V or 24 V DC input
bus system, making them ideal for general
purpose and industrial applications. The
series includes standard output voltage
options ranging from 15 V down to 2.5 V,
and down to 1.8 V with adjustment. Only
two external capacitors are required for
proper operation.
The PT6650 series is housed in a low-
cost 14-pin SIP (Single In-line Package) and
is available in both vertical and horizontal
configurations, including surface-mount.
Ordering Information
PT6651
H = 3.3 Volts
PT6652
H = 2.5 Volts
PT6653
H = 5 Volts
PT6654
H = 9 Volts
PT6655
H = 15 Volts
PT6656
H = 12 Volts
PT6650 Series
5-A 12 /24-V Input Adjustable
Integrated Switching Regulator
Cin = Required 560 µF electrolytic
Cout = Required 330 µF electrolytic
SLTS038B -FEBRUARY 1999 - REVISED MARCH 2004
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
P
(EED)
Horizontal
D
(EEA)
SMD
E
(EEC)
Horizontal, 2-Pin Tab
M
(EEM)
SMD, 2-Pin Tab
L
(EEL)
Horizontal, 2-Pin Ext Tab
Q
(EEQ)
SMD, 2-Pin Ext Tab
F
(EEF)
Vertical, Side Tab
R
(EEE)
Horizontal, Side Tab
G
(EEG)
SMD, Side Tab
B
(EEK)
* Previously known as package styles 400/410.
(Reference the applicable package code drawing for the
dimensions and PC board layout)
Note: Back surface
of product is
conducting metal
LOAD
V
oAdjust
V
IN
COM
V
OUT
COM
V
oSense
PT6650
11,12,13
14
7–10
4,5,6
3
1
C
IN
560 µF
(Required)
C
OUT
330 µF
(Required)


Similar Part No. - PT6654B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6654 TI-PT6654 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT6654 TI1-PT6654 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6654B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI1-UCC25230 Datasheet
859Kb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com