Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6653P Datasheet(PDF) 8 Page - Texas Instruments

Part # PT6653P
Description  Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6653P Datasheet(HTML) 8 Page - Texas Instruments

Back Button PT6653P Datasheet HTML 4Page - Texas Instruments PT6653P Datasheet HTML 5Page - Texas Instruments PT6653P Datasheet HTML 6Page - Texas Instruments PT6653P Datasheet HTML 7Page - Texas Instruments PT6653P Datasheet HTML 8Page - Texas Instruments PT6653P Datasheet HTML 9Page - Texas Instruments PT6653P Datasheet HTML 10Page - Texas Instruments PT6653P Datasheet HTML 11Page - Texas Instruments PT6653P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Jan-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PT6651D
LIFEBUY SIP MODULE
EEA
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6651E
LIFEBUY SIP MODULE
EEC
14
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT6651P
LIFEBUY SIP MODULE
EED
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6653B
LIFEBUY SIP MODULE
EEK
14
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT6653D
LIFEBUY SIP MODULE
EEA
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6653E
LIFEBUY SIP MODULE
EEC
14
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT6653G
LIFEBUY SIP MODULE
EEG
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6653P
LIFEBUY SIP MODULE
EED
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6653R
LIFEBUY SIP MODULE
EEE
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6654B
LIFEBUY SIP MODULE
EEK
14
12
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT6654G
LIFEBUY SIP MODULE
EEG
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6654P
LIFEBUY SIP MODULE
EED
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6654R
LIFEBUY SIP MODULE
EEE
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6655D
LIFEBUY SIP MODULE
EEA
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6655G
LIFEBUY SIP MODULE
EEG
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6655P
LIFEBUY SIP MODULE
EED
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT6656D
LIFEBUY SIP MODULE
EEA
14
12
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type


Similar Part No. - PT6653P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6653 TI-PT6653 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT6653 TI1-PT6653 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
More results

Similar Description - PT6653P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
[Old version datasheet]   TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI1-UCC25230 Datasheet
859Kb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
[Old version datasheet]   12-V to 100-V Input, 0.2-A Output Switching Converter
PT5406A TI-PT5406A Datasheet
293Kb / 16P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Bel Fuse Inc.
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
   ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com