Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5403A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT5403A
Description  Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5403A Datasheet(HTML) 3 Page - Texas Instruments

  PT5403A Datasheet HTML 1Page - Texas Instruments PT5403A Datasheet HTML 2Page - Texas Instruments PT5403A Datasheet HTML 3Page - Texas Instruments PT5403A Datasheet HTML 4Page - Texas Instruments PT5403A Datasheet HTML 5Page - Texas Instruments PT5403A Datasheet HTML 6Page - Texas Instruments PT5403A Datasheet HTML 7Page - Texas Instruments PT5403A Datasheet HTML 8Page - Texas Instruments PT5403A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
For technical support and further information, visit http://power.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25 °C. This data is considered typical data for the ISR.
Note B:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
Efficiency vs Output Current
Efficiency vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Performance Data; Vin =5 V (See Note A)
Performance Data; Vin =3.3 V (See Note A)
PT5400 Series
6-A 5-V/3.3-V Input Adjustable
SWIFT™ Power Module
Typical Characteristics
40
50
60
70
80
90
100
0123456
Iout (A)
PT5401
PT5402
PT5403
PT5404
PT5405
PT5406
PT5407
0
10
20
30
40
50
0123
456
Iout (A)
PT5403
PT5404
PT5405
PT5401
PT5406
PT5407
PT5402
Output Ripple vs Output Current
Output Ripple vs Output Current
20
30
40
50
60
70
80
90
012
345
6
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
Safe Operating Curve, Vin =5 V (See Note B)
Safe Operating Curve, Vin =3.3 V (See Note B)
0.0
0.5
1.0
1.5
2.0
2.5
012
34
56
Iout (A)
40
50
60
70
80
90
100
0
12345
Iout (A)
PT5403
PT5404
PT5405
PT5406
PT5407
0
10
20
30
40
50
01234
5
Iout (A)
PT5405
PT5403
PT5404
PT5406
PT5407
0.0
0.5
1.0
1.5
2.0
2.5
0123
45
Iout (A)
20
30
40
50
60
70
80
90
012
3
4
5
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
Typical Characteristics (Except PT5408)
SLTS169C - MAY 2002 - REVISED OCTOBER 2003


Similar Part No. - PT5403A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5403A TI-PT5403A Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5403A TI-PT5403A Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
More results

Similar Description - PT5403A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5401A TI-PT5401A Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5401C TI-PT5401C Datasheet
274Kb / 15P
[Old version datasheet]   Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5406 TI-PT5406 Datasheet
315Kb / 16P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5405 TI-PT5405 Datasheet
218Kb / 11P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable SWIFT??Power Module
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Analog Devices
AD7943BRZ AD-AD7943BRZ Datasheet
221Kb / 16P
   3.3 V/5 V Multiplyingnull
REV. B
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
   Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com