Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0805YC103KA74A Datasheet(PDF) 3 Page - AVX Corporation

Part # 0805YC103KA74A
Description  General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0805YC103KA74A Datasheet(HTML) 3 Page - AVX Corporation

  0805YC103KA74A Datasheet HTML 1Page - AVX Corporation 0805YC103KA74A Datasheet HTML 2Page - AVX Corporation 0805YC103KA74A Datasheet HTML 3Page - AVX Corporation 0805YC103KA74A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
16
X7R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
0201
0402
0603
0805
1206
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
All Paper
Paper/Embossed
Paper/Embossed
(L) Length
MM
0.60 ± 0.03
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
(in.)
(0.024 ± 0.001)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(W) Width
MM
0.30 ± 0.03
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
(in.)
(0.011 ± 0.001)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(t)
Terminal
MM
0.15 ± 0.05
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.006 ± 0.002)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
10
16
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
500
Cap
100
A
A
(pF)
150
A
A
220
A
A
C
330
A
A
C
G
G
G
J
J
J
J
J
J
K
470
A
A
C
G
G
G
J
J
J
J
J
J
K
680
A
A
C
G
G
G
J
J
J
J
J
J
K
1000
A
A
C
G
G
G
J
J
J
J
J
J
K
1500
A
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
2200
A
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
3300
A
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
4700
A
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
M
6800
A
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
P
Cap
0.010
A
C
C
G
G
J
J
J
J
J
J
J
J
J
J
J
J
P
(µF
0.015
C
G
G
J
J
J
J
J
J
J
J
J
J
J
M
0.022
C
G
G
J
J
J
J
J
N
J
J
J
J
J
M
0.033
G
G
J
J
J
J
N
J
J
J
J
J
M
0.047
C
G
G
G
J
J
J
J
N
J
J
J
J
J
M
0.068
G
G
G
J
J
J
J
N
J
J
J
J
J
P
0.10
G
G
G
G
J
J
J
J
N
J
J
J
J
M
0.15
G
J
J
J
N
J
J
J
J
Q
0.22
G
J
J
N
N
J
J
J
J
Q
0.33
NN
N
N
J
J
M
P
Q
0.47
N
N
N
N
MMM
P
0.68
NN
N
M
M
Q
Q
1.0
J
J
N
N
N
M
M
Q
Q
1.5
PQ
Q
2.2
J
N
Q
Q
Q
3.3
4.7
PP
Q
10
PQ
Q
22
Q
47
100
WVDC
10
16
16
25
50
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
6.3
10
16
25
50
100
200
500
SIZE
0201
0402
0603
0805
1206
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
= Under Development


Similar Part No. - 0805YC103KA74A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805YC103KA74A AVX-0805YC103KA74A Datasheet
338Kb / 20P
   General Specifications
0805YC103KA74A AVX-0805YC103KA74A Datasheet
131Kb / 4P
   General Specifications
0805YC103KA74A AVX-0805YC103KA74A Datasheet
282Kb / 18P
   Dielectric General Specifications
0805YC103KA74A AVX-0805YC103KA74A Datasheet
131Kb / 4P
   General Specifications
0805YC103KA74A AVX-0805YC103KA74A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
More results

Similar Description - 0805YC103KA74A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com