Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP8130 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8130
Description  Ultra Low Power 36V, 200KHz, High Voltage Op Amp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8130 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP8130 Datasheet HTML 1Page - Monolithic Power Systems MP8130 Datasheet HTML 2Page - Monolithic Power Systems MP8130 Datasheet HTML 3Page - Monolithic Power Systems MP8130 Datasheet HTML 4Page - Monolithic Power Systems MP8130 Datasheet HTML 5Page - Monolithic Power Systems MP8130 Datasheet HTML 6Page - Monolithic Power Systems MP8130 Datasheet HTML 7Page - Monolithic Power Systems MP8130 Datasheet HTML 8Page - Monolithic Power Systems MP8130 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP8130 – ULTRA LOW POWER, 36V, 200KHZ, HIGH VOLTAGE OP AMP
MP8130 Rev. 0.9
www.MonolithicPower.com
6
9/21/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
OUT
Output.
2
V+
Supply Voltage.
3
IN+
Non-Inverting Input.
4
IN-
Inverting Input.
5
V-
Ground or Supply Return Pin.
TEST CIRCUITS
--
+
V-
U1
V+
RF(+Av)
Notes: Close S3 for positive gain. Input signal to RF(+Av) connector.
The gain Av = 1 + RFB/RIN.
For unity gain, remove RIN and short RFB.
Open S3 for negative gain. Input signal to RF(-Av) connector.
The gain Av = -RFB/RIN.
S1 and S2 are switches for possible resistor and capacitor load
connections.
RF(--Av)
VOUT
1
5
4
3
2
RFB
RL
CL
S1
S3
S2
Figure 1—AC Test Circuit


Similar Part No. - MP8130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP81 ETC1-MP81 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
MP810 ETC1-MP810 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Dc Components
MP810 DCCOM-MP810 Datasheet
285Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP810 GOOD-ARK-MP810 Datasheet
97Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP810 CHENG-YI-MP810 Datasheet
125Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - MP8130

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
   Ultra-Low Power Op Amp
02/28/20
logo
Micrel Semiconductor
MIC820 MICREL-MIC820 Datasheet
46Kb / 6P
   Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
   Teeny??Ultra-Low Power Op Amp
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
   Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
   Teeny??Ultra Low Power Op Amp
MIC861 MICREL-MIC861_06 Datasheet
613Kb / 12P
   Teeny Ultra Low Power Op Amp
MIC861 MICREL-MIC861_14 Datasheet
1Mb / 11P
   Teeny??Ultra-Low-Power Op Amp
logo
Maxim Integrated Produc...
MAX44246 MAXIM-MAX44246_12 Datasheet
2Mb / 12P
   36V, Low-Noise, Precision, Dual Op Amp
Rev 1; 9/12
MAX44246 MAXIM-MAX44246_13 Datasheet
2Mb / 12P
   36V, Low-Noise, Precision, Dual Op Amp
Rev 3; 5/13
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com