Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP7770GF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7770GF
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770GF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7770GF Datasheet HTML 1Page - Monolithic Power Systems MP7770GF Datasheet HTML 2Page - Monolithic Power Systems MP7770GF Datasheet HTML 3Page - Monolithic Power Systems MP7770GF Datasheet HTML 4Page - Monolithic Power Systems MP7770GF Datasheet HTML 5Page - Monolithic Power Systems MP7770GF Datasheet HTML 6Page - Monolithic Power Systems MP7770GF Datasheet HTML 7Page - Monolithic Power Systems MP7770GF Datasheet HTML 8Page - Monolithic Power Systems MP7770GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
4
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5, 6)
VDD = 24V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Standby Current
VEN = 0V,REF=IN=Float
120
140
µA
Quiescent Current
IQ
SW=Low
3
4
mA
SW ON Resistance
Sourcing and Sinking
0.1
0.15
Short-Circuit Current
Sourcing and Sinking
6.2
8.5
A
EN Enable Threshold Voltage
VEN Rising
1.4
2.0
V
VEN Falling
0.4
1.0
V
EN Enable Input Current
VEN = 5V
5
µA
External Under-Voltage
Detection
VUVP
2
2.2
2.4
V
External Under-Voltage
Detection Hysteresis Voltage
VHys
0.3
V
Thermal Shutdown Trip Point
(7)
TJ Rising
150
°C
Thermal Shutdown Hysteresis
(7)
20
°C
Thermal Warning Trip Point
(7)
125
°C
Thermal Warning Hysteresis
(7)
10
°C
Notes:
5) The device is not guaranteed to function outside its operating rating.
6) Electrical Characteristics are for the IC only with no external components except bypass capacitors.
7) Not production tested.


Similar Part No. - MP7770GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7705 MPS-MP7705 Datasheet
326Kb / 10P
   12V, 2x5W/2x2.5W Class?밆 Stereo Single Ended Audio Amplifier
logo
List of Unclassifed Man...
MP7720 ETC-MP7720 Datasheet
98Kb / 1P
   3M Multimedia-Projektor
logo
Monolithic Power System...
MP7720 MPS-MP7720 Datasheet
338Kb / 11P
   20W Class D Mono Single Ended Audio Amplifer
MP7720DP MPS-MP7720DP Datasheet
338Kb / 11P
   20W Class D Mono Single Ended Audio Amplifer
MP7720DS MPS-MP7720DS Datasheet
519Kb / 6P
   20W Stereo Class D Single Ended Audio Amplifier
More results

Similar Description - MP7770GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7748S MPS-MP7748S Datasheet
1Mb / 23P
   2 x 30W Stereo Single Ended Or 60W Mono BTL Class D Audio Amplifier
logo
Lyontek Inc.
LY8271A LYONTEK-LY8271A_17 Datasheet
666Kb / 19P
   16Wx2(BTL) Stereo / 20Wx1(PBTL) Mono Class D Audio Amplifier
logo
National Semiconductor ...
LM4950 NSC-LM4950 Datasheet
1Mb / 25P
   7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
logo
Monolithic Power System...
MP7747 MPS-MP7747 Datasheet
656Kb / 14P
   20W Class D Mono Single Ended Audio Amplifier
logo
International Rectifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
logo
Monolithic Power System...
MP7722 MPS-MP7722 Datasheet
410Kb / 11P
   2 x 20W Class D Stereo Single Ended Audio Amplifer
MP7721 MPS-MP7721 Datasheet
369Kb / 10P
   2 x 10W Class D Stereo Single Ended Audio Amplifer
MP7742 MPS-MP7742 Datasheet
455Kb / 13P
   2 x 15W Class D Stereo Single Ended Audio Amplifer
MP7745 MPS-MP7745 Datasheet
705Kb / 13P
   2 x 20W Class D Stereo Single Ended Audio Amplifer
logo
Toshiba Semiconductor
TA8225HQ TOSHIBA-TA8225HQ Datasheet
1Mb / 17P
   45W BTL Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com