Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08057C103JAZ2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 08057C103JAZ2A
Description  General Specifications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08057C103JAZ2A Datasheet(HTML) 4 Page - AVX Corporation

  08057C103JAZ2A Datasheet HTML 1Page - AVX Corporation 08057C103JAZ2A Datasheet HTML 2Page - AVX Corporation 08057C103JAZ2A Datasheet HTML 3Page - AVX Corporation 08057C103JAZ2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
17
X7R Dielectric
Capacitance Range
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
0.33
0.56
0.71
0.86
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.034)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
MM
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
(W) Width
MM
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t)
Terminal
MM
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
6.3
10
16
25
50
100
200
500
50
100
200
500
50
100
6.3
50
100
200
50
100
Cap
100
(pF)
150
220
330
470
680
1000
1500
J
J
J
J
J
J
M
2200
J
J
J
J
J
J
M
3300
J
J
J
J
J
J
M
4700
J
J
J
J
J
J
M
6800
J
J
J
J
J
J
M
Cap
0.010
J
J
J
J
J
J
M
K
K
K
K
M
M
X
X
X
X
M
P
(µF
0.015
J
J
J
J
J
J
P
K
K
K
P
M
M
X
X
X
X
M
P
0.022
J
J
J
J
J
J
Q
K
K
K
P
M
M
X
X
X
X
M
P
0.033
J
J
J
J
J
J
K
K
K
X
M
M
X
X
X
X
M
P
0.047
J
J
J
J
J
J
K
K
K
Z
M
M
X
X
X
X
M
P
0.068
J
J
J
J
J
M
K
K
K
M
M
X
X
X
X
M
P
0.10
J
J
J
J
J
M
K
K
K
M
M
X
X
X
X
M
P
0.15
J
J
J
J
M
K
K
P
M
M
X
X
X
X
M
P
0.22
J
J
J
J
P
K
K
P
M
M
X
X
X
M
P
0.33
J
J
J
J
Z
K
M
M
M
X
X
X
M
P
0.47
M
M
M
M
Z
K
P
M
M
X
X
X
M
P
0.68
M
M
P
X
Z
M
Q
M
X
X
X
M
P
1.0
N
N
P
X
Z
M
X
M
X
Z
M
P
1.5
N
N
Z
Z
Z
Z
M
X
Z
M
X
2.2
Z
Z
Z
Z
Z
Z
M
3.3
Z
Z
Z
Z
Z
4.7
Z
Z
Z
Z
Z
10
Z
Z
Z
Z
22
Z
Z
47
100
WVDC
6.3
10
16
25
50
100
200
500
50
100
200
500
50
100
6.3
50
100
200
50
100
SIZE
1210
1812
1825
2220
2225
L
W
T
t
= Under Development


Similar Part No. - 08057C103JAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
08057C103JAZ2A AVX-08057C103JAZ2A Datasheet
80Kb / 4P
   X7R Dielectric General Specifications
08057C103JAZ2A AVX-08057C103JAZ2A Datasheet
131Kb / 4P
   General Specifications
08057C103JAZ2A AVX-08057C103JAZ2A Datasheet
131Kb / 4P
   General Specifications
08057C103JAZ2A AVX-08057C103JAZ2A Datasheet
81Kb / 4P
   General Specifications
08057C103JAZ2A AVX-08057C103JAZ2A Datasheet
95Kb / 4P
   X7R Dielectric General Specifications
More results

Similar Description - 08057C103JAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com