Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL1210 Datasheet(PDF) 6 Page - YAGEO Corporation

Part # RL1210
Description  LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL1210 Datasheet(HTML) 6 Page - YAGEO Corporation

  RL1210 Datasheet HTML 1Page - YAGEO Corporation RL1210 Datasheet HTML 2Page - YAGEO Corporation RL1210 Datasheet HTML 3Page - YAGEO Corporation RL1210 Datasheet HTML 4Page - YAGEO Corporation RL1210 Datasheet HTML 5Page - YAGEO Corporation RL1210 Datasheet HTML 6Page - YAGEO Corporation RL1210 Datasheet HTML 7Page - YAGEO Corporation RL1210 Datasheet HTML 8Page - YAGEO Corporation RL1210 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar 22, 2010 V.5
Product specification
6
9
SERIES
RL
0402 to 2512
P
handbook, halfpage
MLB206_1
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
125
Fig. 5 Maximum dissipation (Pmax) in percentage of rated power
as a function of the operating ambient temperature (Tamb)
FUNCTIONAL DESCRIPTION
O
OP
PE
ER
RA
AT
TIIN
NG
GT
TE
EM
MP
PE
ER
RA
AT
TU
UR
RE
E R
RA
AN
NG
GE
E
Range: –55 °C to +125 °C
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
Each type rated power at 70 °C:
RL0402=1/16 W; RL0603=1/10 W; RL0805=1/8 W;
RL1206=1/4 W; RL1210=1/2 W; RL1218=1 W;
RL2010=3/4 W; RL2512=1 W.
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V = √(P X R)
Where
V = Continuous rated DC or AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (X)


Similar Part No. - RL1210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL1210 ETC1-RL1210 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL1210 YAGEO-RL1210 Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
Ruilongyuan Electronics...
RL1210A RUILON-RL1210A Datasheet
624Kb / 5P
   Metal Oxide Varistors
logo
YAGEO Corporation
RL1210FK-070R105L YAGEO-RL1210FK-070R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL1210FK-070R12L YAGEO-RL1210FK-070R12L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL1210

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-1GEJ101C PANASONIC-ERJ-1GEJ101C Datasheet
297Kb / 4P
   Thick Film Chip Resistors 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ472X PANASONIC-ERJ-2GEJ472X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ104X PANASONIC-ERJ-2GEJ104X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-3GEYJ106V PANASONIC-ERJ-3GEYJ106V Datasheet
218Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1TYJ1R0U PANASONIC-ERJ-1TYJ1R0U Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ104C PANASONIC-ERJ-1GEJ104C Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ8R2C PANASONIC-ERJ-1GEJ8R2C Datasheet
127Kb / 5P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ221X PANASONIC-ERJ-2GEJ221X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ183X PANASONIC-ERJ-2GEJ183X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
logo
YAGEO Corporation
RC0805JR-0747KL YAGEO-RC0805JR-0747KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series 20%, 10%, 5% sizes 0805/1206 RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com