Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0805 Datasheet(PDF) 2 Page - YAGEO Corporation

Part # RL0805
Description  LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL0805 Datasheet(HTML) 2 Page - YAGEO Corporation

  RL0805 Datasheet HTML 1Page - YAGEO Corporation RL0805 Datasheet HTML 2Page - YAGEO Corporation RL0805 Datasheet HTML 3Page - YAGEO Corporation RL0805 Datasheet HTML 4Page - YAGEO Corporation RL0805 Datasheet HTML 5Page - YAGEO Corporation RL0805 Datasheet HTML 6Page - YAGEO Corporation RL0805 Datasheet HTML 7Page - YAGEO Corporation RL0805 Datasheet HTML 8Page - YAGEO Corporation RL0805 Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Mar 22, 2010 V.5
Product specification
2
9
SERIES
RL
0402 to 2512
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
RL0402 to RL2512 low ohmic chip
resistors with lead-free terminations
made by thick film process.
APPLICATIONS
Converters
Printer equipment
Server board
Telecom
Consumer
FEATURES
Halogen Free Epoxy
RoHS compliant
-
Products with lead free
terminations meet RoHS
requirements
-
Pb-glass contained in electrodes,
resistor element and glass are
exempted by RoHS
Reducing environmentally
hazardous wastes
High component and equipment
reliability
Saving of PCB space
None forbidden-materials used
in products/production
Low resistances applied to
current sensing
ORDERING EXAMPLE
The ordering code of a RL0603
chip resistor, value 0.56 X with
±1% tolerance, supplied in 7-inch
tape reel is: RL0603FR-070R56L.
NOTE
1. All our RSMD products meet RoHS
compliant and Halogen Free. "LFP" of
the internal 2D reel label mentions
"Lead Free Process"
2. On customized label, "LFP" or
specific symbol can be printed
Resistance rule of global part
number
Resistance code rule
Example
0RXXX
(1 to 976 mΩ)
0R1 = 0.1 Ω
0R12 = 0.12 Ω
0R105 = 0.105 Ω
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76= 9,760,000 Ω
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
dee
GLOBAL PART NUMBER (PREFERRED)
RL XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512
(2) TOLERANCE
F = ±1%
G = ±2%
J = ±5%
(3) PACKAGING TYPE
R = Paper taping reel
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Base on spec
(5) TAPING REEL
07 = 7 inch dia. Reel
10 = 10 inch dia. Reel
13 = 13 inch dia. Reel
(6) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need
to mention the last zero after R/K/M, e.g.1K2, not 1K20.
Detailed resistance rules show in table of “Resistance rule of global part number”.
(7) DEFAULT CODE
Letter L is system default code for order only (Note)
Letter H is Halogen / Lead free (special code on request)


Similar Part No. - RL0805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL0805 ETC1-RL0805 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
YAGEO Corporation
RL0805 YAGEO-RL0805 Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
Ruilongyuan Electronics...
RL0805A RUILON-RL0805A Datasheet
614Kb / 5P
   Meta lOxide Varistors
RL0805A5R0X RUILON-RL0805A5R0X Datasheet
614Kb / 5P
   Meta lOxide Varistors
logo
YAGEO Corporation
RL0805FK-070R105L YAGEO-RL0805FK-070R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL0805

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-1GEJ101C PANASONIC-ERJ-1GEJ101C Datasheet
297Kb / 4P
   Thick Film Chip Resistors 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ472X PANASONIC-ERJ-2GEJ472X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ104X PANASONIC-ERJ-2GEJ104X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-3GEYJ106V PANASONIC-ERJ-3GEYJ106V Datasheet
218Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1TYJ1R0U PANASONIC-ERJ-1TYJ1R0U Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ104C PANASONIC-ERJ-1GEJ104C Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ8R2C PANASONIC-ERJ-1GEJ8R2C Datasheet
127Kb / 5P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ221X PANASONIC-ERJ-2GEJ221X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ183X PANASONIC-ERJ-2GEJ183X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
logo
YAGEO Corporation
RC0805JR-0747KL YAGEO-RC0805JR-0747KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series 20%, 10%, 5% sizes 0805/1206 RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com