Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34741 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MC34741
Description  PCB Through Hole Header - Single Row Vertical
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MC34741 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MC34741 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
28/01/12
28/01/12
13/02/12
JAG
Farnell
RELEASED
2211S - MC34 Series
Important Notice : This data sheet and its contents (the "Information") belong to the mem-
bers of the Premier Farnell group of companies (the "Group") or are licensed to it. No
licence is granted for the use of it other than for information purposes in connection with
the products to which it relates. No licence of any intellectual property rights is granted. The
Information is subject to change without notice and replaces all data sheets previously sup-
plied. The Information supplied is believed to be accurate but the Group assumes no
responsibility for its accuracy or completeness, any error in or omission from it or for any
use made of it. Users of this data sheet should check for themselves the Information and
the suitability of the products for their purpose and not make any assumptions based on
information included or omitted. Liability for loss or damage resulting from any reliance on
the Information or use of it (including liability resulting from negligence or where the Group
was aware of the possibility of such loss or damage arising) is excluded. This will not oper-
ate to limit or restrict the Group's liability for death or personal injury resulting from its negli-
gence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
TOLERANCES:
DRAWN BY:
SN
JAG
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
PCB Through Hole Header - Single Row Vertical
75774_DWG
M10001608
28/01/12
DATE:
SIZE
SCALE: NTS
U.O.M.: mm (Inches)
SHEET:
1
OF 1
DWG NO.
ELECTRONIC FILE
REV
A
A
DATE:
13/02/12
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
SN
28/01/12
Dimensions : Millimetres
www.element14.com
www.farnell.com
www.newark.com
Specifications:
Current rating
: 3 A ac / dc
Voltage rating
: 250 V ac/dc
Maximum contact resistance
: 20 m
Minimum insulation resistance
: 1,000 M
Withstanding voltage
: 600 V ac for one minute
Operating temperature range
: -40°C to +105°C
Material and Finish:
Insulator
: High temperature plastic (PBT)
Insulator colour
: Black
Contact
: Copper alloy
Plated
: Gold plated
PCB Layout
Part Number Layout
Description
Part Number
Header, 1 Row, Vert, 2 Ways
2211S-02G
Header, 1 Row, Vert, 3 Ways
2211S-03G
Header, 1 Row, Vert, 4 Ways
2211S-04G
Header, 1 Row, Vert, 5 Ways
2211S-05G
Header, 1 Row, Vert, 6 Ways
2211S-06G
Header, 1 Row, Vert, 8 Ways
2211S-08G
Header, 1 Row, Vert, 1 0 Ways
2211S-10G
Header, 1 Row, Vert, 12 Ways
MC34733
Header, 1 Row, Vert, 14 Ways
MC34735
Header, 1 Row, Vert, 18 Ways
MC34737
Header, 1 Row, Vert, 20 Ways
MC34739
Header, 1 Row, Vert, 22 Ways
MC34741
Header, 1 Row, Vert, 24 Ways
MC34743


Similar Part No. - MC34741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC3470 TI-MC3470 Datasheet
285Kb / 8P
[Old version datasheet]   FLOPPY DISK READ-AMPLIFIER SYSTEMS
logo
Freescale Semiconductor...
MC34700 FREESCALE-MC34700 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700 FREESCALE-MC34700 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
MC34700EP FREESCALE-MC34700EP Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700EP/R2 FREESCALE-MC34700EP/R2 Datasheet
1Mb / 28P
   9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
More results

Similar Description - MC34741

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0233 MOLEXKITS-76650-0233 Datasheet
21Kb / 3P
   PCB Header, PCB Through Hole, Screw Mounted, Vertical PCB Block
logo
Molex Electronics Ltd.
0877550800 MOLEX9-0877550800 Datasheet
101Kb / 3P
   2.00mm (.079") Pitch PCB Header, Through Hole, Single Row Dual Body, Vertical, 8 Circuits
logo
Ohmite Mfg. Co.
E-SERIES OHMITE-E-SERIES Datasheet
275Kb / 1P
   Vertical through-hole PCB mounting
EX-SERIES OHMITE-EX-SERIES Datasheet
426Kb / 2P
   Vertical through-hole PCB mounting
SINK-E OHMITE-SINK-E Datasheet
711Kb / 2P
   Vertical through-hole PCB mounting
logo
Molex Electronics Ltd.
1719710107 MOLEX1-1719710107_18 Datasheet
45Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, LCP, Shrouded, Through Hole
1719710103 MOLEX1-1719710103_18 Datasheet
45Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, LCP, Shrouded, Through Hole
1719710004 MOLEX1-1719710004 Datasheet
45Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, LCP, Shrouded, Through Hole,
1719710102 MOLEX1-1719710102_18 Datasheet
45Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, LCP, Shrouded, Through Hole
1719710119 MOLEX1-1719710119_18 Datasheet
45Kb / 2P
   2.54mm Pitch SL Header, Single Row, Vertical, LCP, Shrouded, Through Hole
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com