Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Y1624K50000B9R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # Y1624K50000B9R
Description  VSMP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1624K50000B9R Datasheet(HTML) 2 Page - Vishay Siliconix

  Y1624K50000B9R Datasheet HTML 1Page - Vishay Siliconix Y1624K50000B9R Datasheet HTML 2Page - Vishay Siliconix Y1624K50000B9R Datasheet HTML 3Page - Vishay Siliconix Y1624K50000B9R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VSMP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Vishay Foil Resistors
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63060
2
Revision: 24-Mar-09
Note
(1) Land Pattern Dimensions are per IPC-7351A
Note
(1) As shown + 0.01
Ω to allow for measurement errors at low values.
FIGURE 2 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
FIGURE 3 - TYPICAL RESISTANCE/
TEMPERATURE CURVE
Note
• The TCR values for < 100
Ω are influenced by the termination
composition and result in deviation from this curve.
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400
Ambient Temperature (°C) and TCR Chord Slopes for
Different Temperature Ranges
TABLE 2 - DIMENSIONS AND LAND PATTERN in Inches (Millimeters)
CHIP
SIZE
L
± 0.005 (0.13)
W
± 0.005 (0.13)
THICKNESS
MAXIMUM
D
± 0.005 (0.13)
Z (1)
G (1)
X (1)
0805
0.080 (2.03)
0.050 (1.27)
0.025 (0.64)
0.015 (0.38)
0.122 (3.10)
0.028 (0.71)
0.050 (1.27)
1206
0.126 (3.20)
0.062 (1.57)
0.025 (0.64)
0.020 (0.51)
0.175 (4.45)
0.059 (1.50)
0.071 (1.80)
1506
0.150 (3.81)
0.062 (1.57)
0.025 (0.64)
0.020 (0.51)
0.199 (5.05)
0.083 (2.11)
0.071 (1.80)
2010
0.198 (5.03)
0.097 (2.46)
0.025 (0.64)
0.025 (0.64)
0.247 (6.27)
0.115 (2.92)
0.103 (2.62)
2512
0.249 (6.32)
0.127 (3.23)
0.025 (0.64)
0.032 (0.81)
0.291 (7.39)
0.150 (3.81)
0.127 (3.23)
Top View
D
T
W
L
Recommended Land Pattern
Footprint
Z
G
X
TABLE 3 - SPECIFICATIONS
CHIP
SIZE
RATED
POWER
(mW)
at + 70 °C
MAX.
WORKING
VOLTAGE
(
)
RESISTANCE
RANGE
(
Ω)
MAXIMUM
WEIGHT
(mg)
0805
200
40 V
10 to 8K
6
1206
300
87 V
10 to 25K
11
1506
300
95 V
10 to 30K
12
2010
500
187 V
10 to 70K
27
2512
750
220 V
10 to 125K
40
PR
×
TABLE 4 - LOAD LIFE STABILITY
(+ 70 °C for 2000 h)
CHIP SIZE
MAXIMUM
ΔR LIMITS
0805
± 0.005 % at 100 mW
± 0.01 % at 200 mW
1206, 1506
± 0.005 % at 150 mW
± 0.01 % at 300 mW
2010
± 0.005 % at 200 mW
± 0.01 % at 500 mW
2512
± 0.005 % at 500 mW
± 0.01 % at 750 mW
TABLE 5 - PERFORMANCES
TEST OR CONDITIONS
MIL-PRF-55342
CHARACTERISTIC E
ΔR LIMITS
TYPICAL
ΔR LIMITS
MAXIMUM
ΔR LIMITS (1)
Thermal Shock, 100 x (- 65 °C to + 150 °C)
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Low Temperature Operation, - 65 °C, 45 min at Pnom
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Short Time Overload, 6.25 x Rated Power, 5 s
± 0.1 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
High Temperature Exposure, + 150 °C, 100 h
± 0.1 %
± 0.01 % (100 ppm)
± 0.02 % (200 ppm)
Resistance to Soldering Heat
± 0.2 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)
Moisture Resistance
± 0.2 %
± 0.005 % (50 ppm)
± 0.02 % (200 ppm)
Load Life Stability + 70 °C for 2000 h at Rated Power
± 0.5 %
± 0.005 % (50 ppm)
± 0.01 % (100 ppm)


Similar Part No. - Y1624K50000B9R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Y162412K7560A0R VISHAY-Y162412K7560A0R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y162412K7560A0W VISHAY-Y162412K7560A0W Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y162412K7560A9R VISHAY-Y162412K7560A9R Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y162412K7560A9W VISHAY-Y162412K7560A9W Datasheet
156Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor
Revision: 24-Mar-09
Y162412K7560AR0R VISHAY-Y162412K7560AR0R Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
More results

Similar Description - Y1624K50000B9R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJA1AJ102U PANASONIC-ERJA1AJ102U Datasheet
270Kb / 6P
   High Power Chip Resistors / Wide Terminal Type 2512, 2010, 1206, 0805
ERJ-2GEJ472X PANASONIC-ERJ-2GEJ472X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ101C PANASONIC-ERJ-1GEJ101C Datasheet
297Kb / 4P
   Thick Film Chip Resistors 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ104X PANASONIC-ERJ-2GEJ104X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-3GEYJ106V PANASONIC-ERJ-3GEYJ106V Datasheet
218Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1TYJ1R0U PANASONIC-ERJ-1TYJ1R0U Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ104C PANASONIC-ERJ-1GEJ104C Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ8R2C PANASONIC-ERJ-1GEJ8R2C Datasheet
127Kb / 5P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ221X PANASONIC-ERJ-2GEJ221X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ183X PANASONIC-ERJ-2GEJ183X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com