Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8141 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK8141
Description  Register Programable Single Clock Generator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8141 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

  AK8141 Datasheet HTML 1Page - Asahi Kasei Microsystems AK8141 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8141 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8141 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8141 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8141 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8141 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8141 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8141 Datasheet HTML 9Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
[AK8141]
MS0607-J-02
2010/10
- 8 -
OUTFRQ4-0 [Write]
出力クロック周波数の設定を行います。
クロック出力 CLKOUT の周波数は、27MHz~50MHz の間で設定可能です。
OUTFRQ4
OUTFRQ3 OUTFRQ2
OUTFRQ1
OUTFRQ0
CLKOUT 周波数
0
0
0
0
0
27.00MHz
0
0
0
0
1
28.00MHz
0
0
0
1
0
29.00MHz
0
0
0
1
1
30.00MHz
0
0
1
0
0
31.00MHz
0
0
1
0
1
32.00MHz
0
0
1
1
0
33.00MHz
0
0
1
1
1
33.75MHz
0
1
0
0
0
34.00MHz
0
1
0
0
1
35.00MHz
0
1
0
1
0
36.00MHz
0
1
0
1
1
37.00MHz
0
1
1
0
0
38.00MHz
0
1
1
0
1
39.00MHz
0
1
1
1
0
40.00MHz
0
1
1
1
1
40.50MHz
1
0
0
0
0
41.00MHz
1
0
0
0
1
42.00MHz
1
0
0
1
0
43.00MHz
1
0
0
1
1
44.00MHz
1
0
1
0
0
45.00MHz
1
0
1
0
1
46.00MHz
1
0
1
1
0
47.00MHz
1
0
1
1
1
48.00MHz
1
1
0
0
0
49.00MHz
1
1
0
0
1
49.50MHz
1
1
0
1
0
50.00MHz
1
1
0
1
1
(*1)
1
1
1
-
-
(*1)
(*1) 40.5MHz が出力されます。
6. 実装上の注意
実装強度上、パッケージ裏面のタブを VSS 又は開放面に半田付けすることを推奨致します。


Similar Part No. - AK8141

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8140A AKM-AK8140A Datasheet
1Mb / 45P
   Programmable Clock Generator
AK8142 AKM-AK8142 Datasheet
313Kb / 19P
   Programable Clock Generator IC
AK8145 AKM-AK8145 Datasheet
172Kb / 6P
   27MHz VCXO Clock Genrator
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
   Multi Clock Generator
AK8146B AKM-AK8146B Datasheet
282Kb / 6P
   2-output clock generator
More results

Similar Description - AK8141

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8142 AKM-AK8142 Datasheet
313Kb / 19P
   Programable Clock Generator IC
logo
Xilinx, Inc
DS742 XILINX-DS742 Datasheet
1Mb / 33P
   Programable clock phase and polarity
logo
Asahi Kasei Microsystem...
AK8113 AKM-AK8113 Datasheet
164Kb / 6P
   Single Clock Generator
AK8116 AKM-AK8116 Datasheet
264Kb / 6P
   Single Clock Generator
AK8112 AKM-AK8112 Datasheet
46Kb / 6P
   Single Clock Generator
AK8111 AKM-AK8111 Datasheet
156Kb / 6P
   Single Clock Generator
AK8110L AKM-AK8110L Datasheet
305Kb / 7P
   Single Clock Generator
AK8110BU AKM-AK8110BU Datasheet
244Kb / 7P
   Single Clock Generator
AK8174B AKM-AK8174B Datasheet
154Kb / 6P
   Single Clock Generator
AK8172A AKM-AK8172A Datasheet
330Kb / 7P
   Single Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com