Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8142 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK8142
Description  Programable Clock Generator IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8142 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK8142 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 10Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 11Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 12Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
[AK8142]
MS0932-J-01
2009/1
- 9 -
3-2)レジスタマップ
FA~FFは2面構成で、F7レジスタのBANK,BANKWR,CTLFSELで制御されます。“-”は、0が読み出されます。
下段:リセット値
注意: SFTRST ビットはパワーオンリセットでリセットされません。
アド
レス
D7
D6
D5
D4
D3
D2
D1
D0
備考
FRAC[17]
FRAC[16]
FF
0
0
FRAC[15]
FRAC[14]
FRAC[13]
FRAC[12]
FRAC[11]
FRAC[10]
FRAC[9]
FRAC[8]
FE
0
0
0
0
0
0
0
0
FRAC[7]
FRAC[6]
FRAC[5]
FRAC[4]
FRAC[3]
FRAC[2]
FRAC[1]
FRAC[0]
FD
0
0
0
0
0
0
0
0
⊿Σ小数部
INT[6]
INT[5]
INT[4]
INT[3]
INT[2]
INT[1]
INT[0]
FC
0
0
0
0
0
0
⊿Σ整数部
OUTC[2]
OUTC[1]
OUTC[0]
ODIVPG[3]
ODIVPG[2]
ODIVPG[1]
ODIVPG[0]
FB
0
OUTDIV制御
MDIVC[3]
MDIVC[2]
MDIVC[1]
MDIVC[0]
MDIVP[3]
MDIVP[2]
MDIVP[1]
MDIVP[0]
FA
0
0
0
0
0
MDIV制御
reserved
reserved
reserved
reserved
F9
0
0
予約
reserved
reserved
reserved
reserved
F8
0
0
0
0
予約
BANK
BANKWR
CTLFSEL
CKOFF[1]
CKOFF[0]
reserved
PD
SFTRST*
F7
0
0
0
1
0
0
0
0
リセット制御
BANK制御
CKOUTEN
[1]
REFOTEN
[0]
REFOTEN
[1]
REFOTEN
[0]
F6
0
0
0
0
OUTBUF制御
DUMON
DITHER
F5
0
1
⊿Σ制御
F4
テスト
テスト
F1
テスト
F1~F4はテスト用レジスタがありますのでライトアクセスしないでください。


Similar Part No. - AK8142

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8140A AKM-AK8140A Datasheet
1Mb / 45P
   Programmable Clock Generator
AK8141 AKM-AK8141 Datasheet
522Kb / 9P
   Register Programable Single Clock Generator
AK8145 AKM-AK8145 Datasheet
172Kb / 6P
   27MHz VCXO Clock Genrator
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
   Multi Clock Generator
AK8146B AKM-AK8146B Datasheet
282Kb / 6P
   2-output clock generator
More results

Similar Description - AK8142

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8141 AKM-AK8141 Datasheet
522Kb / 9P
   Register Programable Single Clock Generator
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
   Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
   CLOCK GENERATOR IC
BU2294AF ETC1-BU2294AF Datasheet
62Kb / 2P
   Clock generator IC
logo
Nippon Precision Circui...
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
   Clock Generator IC
logo
Rohm
BU2288FV ROHM-BU2288FV Datasheet
64Kb / 7P
   Clock generator IC
BU2285FV ROHM-BU2285FV Datasheet
63Kb / 7P
   Clock generator IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
   Motherboard Clock Generator IC
logo
PhaseLink Corporation
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com