Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8142 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK8142
Description  Programable Clock Generator IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8142 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK8142 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8142 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
[AK8142]
MS0932-J-01
2009/1
- 6 -
2-6)シリアル入出力端子 AC 特性(2 線式デジタル I/F:スレーブモード)
VDD=3.3V,VDD2-VDD3=1.8V,Ta=-30~85℃
項目
記号
Min.
Max.
単位
備考
SCL 周波数
fSCL
400
kHz
SCL=Low 区間
tLOW
1.3
μs
SCL=High 区間
tHIGH
0.6
μs
抑圧可能スパイクパルス幅
tI
50
ns
SCL=Low から SDA(OUT)確
tAA
0.1
3.5
μs
バス開放時間
tBUF
1.3
μs
スタートセットアップタイム
tSU.STA
0.6
μs
ストップセットアップタイム
tSU.STO
0.6
μs
SDA(IN)ホールドタイム
tHD.DAT
0
μs
SDA(IN)セットアップタイム
tSU.DAT
0.1
μs
入力立ち上がり遷移時間
tR
0.3
μs
*1
入力立ち下がり遷移時間
tF
0.3
μs
*1
SDA(OUT)ホールドタイム
tDH
0.1
μs
*1 設計値
SCL (IN)
SDA (IN)
SDA (OUT)
tF
tR
tSU.STA
tSU.STO
tSU.DAT
tHD.DAT
tAA
tDH
tBUF
tLOW
tHIGH


Similar Part No. - AK8142

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8140A AKM-AK8140A Datasheet
1Mb / 45P
   Programmable Clock Generator
AK8141 AKM-AK8141 Datasheet
522Kb / 9P
   Register Programable Single Clock Generator
AK8145 AKM-AK8145 Datasheet
172Kb / 6P
   27MHz VCXO Clock Genrator
AK8146A AKM-AK8146A Datasheet
399Kb / 6P
   Multi Clock Generator
AK8146B AKM-AK8146B Datasheet
282Kb / 6P
   2-output clock generator
More results

Similar Description - AK8142

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8141 AKM-AK8141 Datasheet
522Kb / 9P
   Register Programable Single Clock Generator
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
   Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
   CLOCK GENERATOR IC
BU2294AF ETC1-BU2294AF Datasheet
62Kb / 2P
   Clock generator IC
logo
Nippon Precision Circui...
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
   Clock Generator IC
logo
Rohm
BU2288FV ROHM-BU2288FV Datasheet
64Kb / 7P
   Clock generator IC
BU2285FV ROHM-BU2285FV Datasheet
63Kb / 7P
   Clock generator IC
logo
PhaseLink Corporation
PLL501-01 PLL-PLL501-01 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
logo
List of Unclassifed Man...
FS6261-01 ETC1-FS6261-01 Datasheet
209Kb / 17P
   Motherboard Clock Generator IC
logo
PhaseLink Corporation
PLL501-05 PLL-PLL501-05 Datasheet
97Kb / 6P
   VCXO Clock Generator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com