Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0225C1C3R5WD05 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GRM0225C1C3R5WD05
Description  Chip Monolithic Ceramic Capacitors
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0225C1C3R5WD05 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GRM0225C1C3R5WD05 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R5WD05 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R5WD05 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R5WD05 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R5WD05 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R5WD05 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R5WD05 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R5WD05 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0225C1C3R5WD05 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 182 page
background image
C02E.pdf
Sep.25,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Explanation of Symbols in This Catalog
Low
ESL
Derating
Ultra-
compact
Anti-
noise
Deflecting
crack
Soldering
crack
HiQ
L x W dimension: products of 0.6 x 0.3 mm or less
Low dissipation for high frequency
By devising ceramic materials and electrode materials,
low dissipation is achieved in frequency bands of VHF,
UHF and microwave or beyond.
Low inductance
This capacitor is designed so that
the parasitic inductance component (ESL)
that the capacitor has on the high frequency
side becomes lower.
Product suitable for acoustic noise reduction and low distortion
This product suppresses acoustic noise,
which occurs when a ceramic capacitor is used,
by devising the materials and configuration.
Product resistant to deflection cracking
This capacitor is designed to prevent failures as much
as possible by short mode caused by cracking
when there is board deflection.
Product with solder cracking suppression
This capacitor is configured with metal terminals
and leads connected to the chip.
The metal terminals and leads relieve the stress from expansion
and contraction of the solder, to suppress solder cracking.
Voltage and temperature derating recommended product
This product is suitable when a voltage continuously applied
to a capacitor in an operating circuit, is used below (derated)
the rated voltage of the capacitor.
This model guarantees the test conditions in the endurance test,
at a rated voltage x 100% at the maximum operating temperature.
A reliability assurance level equivalent to a common product
can be secured, by using this product within the voltage and
temperature derated conditions recommended in the figure below.
Recommended Conditions of the Derating Operating Voltage and Temperature
025
50
75
100
125
150
0
20
40
60
80
100
120
Product Temperature (°C)
125°C Type
105°C Type
85°C Type
EU RoHS
Compliant
All the products in this catalog comply with EU RoHS.
EU RoHS is "the European Directive 2011/65/EU on the Restriction of the Use
of Certain Hazardous Substances in Electrical and Electronic Equipment."
For more details, please refer to our website 'Murata's Approach for EU RoHS'
(http://www.murata.com/info/rohs.html).
For General Purpose GRM Series
Capacitance Table
citance Table
Capac


Similar Part No. - GRM0225C1C3R5WD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0225C1C3R5WD05 MURATA-GRM0225C1C3R5WD05 Datasheet
4Mb / 237P
   Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
GRM0225C1C3R5WD05 MURATA-GRM0225C1C3R5WD05 Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM0225C1C3R5WD05L MURATA-GRM0225C1C3R5WD05L Datasheet
4Mb / 221P
   Chip Monolithic Ceramic Capacitors
More results

Similar Description - GRM0225C1C3R5WD05

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com