Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8181B Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK8181B
Description  AK8181B Evaluation Board
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8181B Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK8181B Datasheet HTML 1Page - Asahi Kasei Microsystems AK8181B Datasheet HTML 2Page - Asahi Kasei Microsystems AK8181B Datasheet HTML 3Page - Asahi Kasei Microsystems AK8181B Datasheet HTML 4Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AKD8181B
【Pattern A】
※Composition at the time of shipment
NC:No components
※RTT: 50Ω is mounted at the time of shipment
【Pattern B】
Power
There are the following three power supplies.
※If you have configured a termination circuit with resistor only (Pattern A or B), it becomes possible to
evaluate even without applying power to the VDD-2V terminal.
- VDD
- VEE
- VDD-2V
Clock input
AK8181B inputs the clock selected by CLK_SEL switch. (External input or crystal)
The clock input signal can terminate at 50Ω if needed. (50Ω is connected to R2 pattern)
Inputs 266MHz or less.
Output load circuit
It can terminate by the following three methods. (Pattern A/B/C)
The state of initial shipment is 【Pattern A】.
The core power supply of AK8181B (3.3V)
The core power supply of AK8181B (GND)
Power supply for the end of the output load resistor (=VDD-2V)
Note) GND of the SMA terminal is connected to the VEE inside the substrate.
Q0,1,2,3
Q0N,1N,
2N,3N
50
Ω
50
Ω
NC
NC
0
2
)
2
/(
)
(
1
Z
V
V
V
RTT
CC
OL
OH
Zo=50
Ω
Zo=50
Ω
Q0,1,2,3
Q0N,1N,
2N,3N
0
Ω
0
Ω
0.1uF
or Open
RTT
84
Ω
84
Ω
Zo=50
Ω
Zo=50
Ω
0
Ω
0
Ω
short
125
Ω
125
Ω
AKD8181B-E-00
2
2012/7


Similar Part No. - AK8181B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
AK8181D AKM-AK8181D Datasheet
774Kb / 6P
   AK8181D Evaluation Board
AK8181E AKM-AK8181E Datasheet
552Kb / 10P
   3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
More results

Similar Description - AK8181B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com