Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQHR201R0G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SQHR201R0G
Description  Type SQ Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SQHR201R0G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SQHR201R0G Datasheet HTML 1Page - List of Unclassifed Manufacturers SQHR201R0G Datasheet HTML 2Page - List of Unclassifed Manufacturers SQHR201R0G Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
35 ±3
2W: 23 ±3
L
d
W
H
ø2.7
Characteristics - Electrical
Test Condition
Performance
Resistance Temp. Coefficient:
-55°C ~ 155°C
± 300ppm/°C
*Short Time Overload:
10 times rated power for 5 seconds
± 2%
Rated Load:
Rated power for 30 minutes
± 1%
Voltage Withstand:
1000V AC 1 minute
no change
Insulation Resistance:
500V megger
1000 Meg
Temperature Cycle:
-30°C ~ 85°C for 5 cycles
± 1%
Load Life:
70°C on-off cycle for 1000 hours
± 5%
Moisture-proof Load Life:
40°C 95% RH on-off cycle 1000 hours
± 5%
Incombustability:
16 times rated wattage for 5 minutes
No flame
Max. Overload Voltage:
2 times max. working voltage
*Metal Film Elements:
Short time overload 5 times rated power, 5 seconds
Power
Dimensions
Resistance Range
Max. Working
Rating
W ± 1
H ± 1
L ± 1.5 d ± 0.05
l ± 0.3
Wire
Metal Film
Voltage
2W
7
7
18
0.65
23
R10 - 82R
83R - 10K
150V
3W
8
8
22
0.8
35
R10 - 180R
181R - 33K
350V
5W
10
9
22
0.8
35
R10 - 180R
181R - 100K
350V
7W
10
9
35
0.8
35
R10 - 430R
431R - 100K
500V
10W
10
9
48
0.8
35
R10 - 470R
471R - 100K
750V
15W
12.5
11.5
48
0.8
35
R50 - 600R
601R - 150K
1000V
20W - 25W
14
13.5
60
0.8
35
R50 - 1K0
1.1K - 150K
1000V
Rated Continuous Working Voltage (RCWV)
RCWV:
Rated Power x Resistance Value or Maximum Working Voltage listed above whichever is lower
Type SQP - Horizontal
High Power Resistors
Type SQ Series
1773285 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.
Key Features
I Choice of Styles
I Bracketed Types
Available
I Temp. Op. -55°C to
+250°C
I Wide Value Range
I Stable TCR 300ppm/°C
I Custom Designs
Welcome
I Inorganic Flame Proof
Construction
This flexible range of Power Wirewound Resistors either have wire or power oxide film
elements. The SQ series resistors are wound or deposited on a fine non - alkali ceramic core
then embodied in a ceramic case and sealed with an inorganic silica filler. This design provides
a resistor with high insulation resistance, low surface temperature, excellent T.C.R., and
entirely fire proof construction. These resistors are ideally suited to a range of areas where low
cost, and efficient thermal performance are important design criteria. Metal film cores adjusted
by laser spiral are used where the resistor value is above that suited to wire. Similar
performance is obtained although short time overload is slightly derated.


Similar Part No. - SQHR201R0G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SQHR20140F MACOM-SQHR20140F Datasheet
255Kb / 3P
   High Power Resistors
SQHR20140G MACOM-SQHR20140G Datasheet
255Kb / 3P
   High Power Resistors
SQHR20140J MACOM-SQHR20140J Datasheet
255Kb / 3P
   High Power Resistors
SQHR20140K MACOM-SQHR20140K Datasheet
255Kb / 3P
   High Power Resistors
SQHR201K0F MACOM-SQHR201K0F Datasheet
255Kb / 3P
   High Power Resistors
More results

Similar Description - SQHR201R0G

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SQMW533RJ MACOM-SQMW533RJ Datasheet
250Kb / 3P
   Type SQ Series
SQMR547KJ MACOM-SQMR547KJ Datasheet
255Kb / 3P
   Type SQ Series
1-1623788-0 MACOM-1-1623788-0 Datasheet
255Kb / 3P
   Type SQ Series
logo
Cree, Inc
C12410 CREE-C12410 Datasheet
649Kb / 7P
   Strada-SQ series
logo
Lumileds Lighting Compa...
CA13509_STRADA-SQ-T2 LUMILEDS-CA13509_STRADA-SQ-T2 Datasheet
1Mb / 19P
   PRODUCT DATASHEET Strada-SQ series
logo
CTS Corporation
VCX2150A CTS-VCX2150A Datasheet
67Kb / 2P
   Surface mount 15.88 mm SQ (.625 SQ)
VCX2154A CTS-VCX2154A Datasheet
67Kb / 2P
   Surface mount 15.88 mm SQ (.625 SQ)
logo
PHOENIX CONTACT
1441558 PHOENIX-1441558 Datasheet
128Kb / 8P
   Flush-type connector - SACC-SQ-M12FSB-5CON-25F/0,5
09/11/2020
1408573 PHOENIX-1408573 Datasheet
234Kb / 5P
   Flush-type connector - SACC-SQ-M12FS-8CON-20-L180
1441590 PHOENIX-1441590 Datasheet
119Kb / 7P
   Flush-type connector - SACC-SQ-M12FS-12CON-25F/0,5
09/11/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com