Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8826VN Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK8826VN
Description  HD/SD Multi Format Video Encoder with 3ch DAC
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8826VN Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK8826VN Datasheet HTML 1Page - Asahi Kasei Microsystems AK8826VN Datasheet HTML 2Page - Asahi Kasei Microsystems AK8826VN Datasheet HTML 3Page - Asahi Kasei Microsystems AK8826VN Datasheet HTML 4Page - Asahi Kasei Microsystems AK8826VN Datasheet HTML 5Page - Asahi Kasei Microsystems AK8826VN Datasheet HTML 6Page - Asahi Kasei Microsystems AK8826VN Datasheet HTML 7Page - Asahi Kasei Microsystems AK8826VN Datasheet HTML 8Page - Asahi Kasei Microsystems AK8826VN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 157 page
background image
[AK8826VN]
MS0972-E-01
4
2008/12
With Register setting, AK8826 works as
- Multi-Format Component Video Encoder (Component Video Encoder)
- NTSC/PAL Composite Video Encoder (Composite Video Encoder)
- High Speed Video DAC
1-1. Component Video Encoder Block
Cb[7:0]
4:2:2
to
4:4:4
x2 Interpolation
Y[9:0]
to DAC
Pb[9:0]
to DAC
Y[7:0
Cr[7:0]
LPF-E
x2
LPF-D
SYNC
Generator
HD-Timing
Generator
CGMS-A
WSS
Pr[9:0]
to DAC
From
Clock Gen
6.75MHz/13.5/27/54/74.25/148.5MHz
From
Timing
Generator
x2
LPF-F
CLK Rate A
CLK Rate B
CLK Rate B
CLK Rate C
x2
LPF-H*
x2
LPF-G*
*CLK Rate D
sin(x)/x
Compensation
Fig. 2 Component Video Encoder Block
This Block described as Component Video Encoder Block in this datasheet.
CLK Rate D is only a case of D1(525i/625i) mode.
Clock Rate
D1( 525i /625i )
D2( 525P / 625P )
D3/D4(1080i/720P)
CLK Rate A
6.75MHz
13.5MHz
37.125MHz
CLK Rate B
13.5MHz
27MHz
74.25MHz
CLK Rate C
27MHz
54MHz
148.5MHz
CLK Rate D
54MHz
-
-


Similar Part No. - AK8826VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
More results

Similar Description - AK8826VN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8825 AKM-AK8825 Datasheet
1Mb / 162P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8826 AKM-AK8826 Datasheet
1Mb / 157P
   HD/SD Multi Format Video Encoder with 3ch DAC
AK8858 AKM-AK8858 Datasheet
890Kb / 96P
   PS/SD Multi Format Video Decoder
AK4706 AKM-AK4706_10 Datasheet
697Kb / 54P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
AK4706 AKM-AK4706 Datasheet
582Kb / 53P
   2ch 24bit DAC with AV Switch & HD/SD Video Filter
logo
New Japan Radio
NJW1327 NJRC-NJW1327 Datasheet
240Kb / 21P
   Multi Input SD/ HD Video Interface with I2C Control
logo
M/A-COM Technology Solu...
M21235 MA-COM-M21235 Datasheet
489Kb / 2P
   HD/SD Broadcast Video Multi-rate Automatic Reclocker
logo
Analog Devices
ADV7390 AD-ADV7390 Datasheet
2Mb / 96P
   Low Power, Chip Scale 10-Bit SD/HD Video Encoder
REV. 0
ADV7390 AD-ADV7390_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
ADV7392 AD-ADV7392_15 Datasheet
1Mb / 108P
   Low Power, Chip Scale, 10-Bit SD/HD Video Encoder
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com