Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ-2093 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # CQ-2093
Description  遙섌?恙쒐춸 弱뤷엹 ?삥탛?삠꺍?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

CQ-2093 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button CQ-2093 Datasheet HTML 4Page - Asahi Kasei Microsystems CQ-2093 Datasheet HTML 5Page - Asahi Kasei Microsystems CQ-2093 Datasheet HTML 6Page - Asahi Kasei Microsystems CQ-2093 Datasheet HTML 7Page - Asahi Kasei Microsystems CQ-2093 Datasheet HTML 8Page - Asahi Kasei Microsystems CQ-2093 Datasheet HTML 9Page - Asahi Kasei Microsystems CQ-2093 Datasheet HTML 10Page - Asahi Kasei Microsystems CQ-2093 Datasheet HTML 11Page - Asahi Kasei Microsystems CQ-2093 Datasheet HTML 12Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
[CQ-2093]
MS1267-J-02
2011/08
- 10 -
マーク表示
マーク表示はレーザー印刷となります。6文字×2行の全12文字表示となります。
Figure 12. CQ-2093の
のマーク
マーク
マーク
マーク表示
表示
表示
表示
Table 6. 製造日
製造日
製造日
製造日マーク
マーク
マーク
マーク表示
表示
表示
表示対応表
対応表
対応表
対応表
西暦の末年
印字
対応年
印字
対応月
印字
対応日
0
0年
C
1月
1
1
1
1年
D
2月
2
2
2
2年
E
3月
3
3
3
3年
F
4月
4
4
4
4年
G
5月
5
5
5
5年
H
6月
6
6
6
6年
J
7月
7
7
7
7年
K
8月
8
8
8
8年
L
9月
9
9
9
9年
M
10月
0
10
N
11月
A
11
P
12月
B
12
C
13
D
14
E
15
F
16
G
17
H
18
J
19
K
20
L
21
N
22
P
23
R
24
S
25
T
26
U
27
V
28
W
29
X
30
Y
31
Q2093
******
型名 (CQ-2093)+Option(1桁)
Option(3桁)
製造日
年月日(3桁)


Similar Part No. - CQ-2093

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
CQ-2092 AKM-CQ-2092 Datasheet
634Kb / 13P
   A small high-speed current Center for Applied thermal
CQ-209A AKM-CQ-209A Datasheet
634Kb / 13P
   Fast response small current sensor
CQ-209B AKM-CQ-209B Datasheet
632Kb / 13P
   Fast response small current sensor
CQ-209D AKM-CQ-209D Datasheet
638Kb / 13P
   Fast response small current sensor
More results

Similar Description - CQ-2093

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6420 TOREX-XC6420 Datasheet
789Kb / 26P
   150mA 弱뤷엹遙섌?Dual LDO ?с궙?γ꺃?쇈궭, ON/OFF ?밤궎?껁긽餓섅걤
XC6421 TOREX-XC6421 Datasheet
731Kb / 25P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233 TOREX-XC6233 Datasheet
827Kb / 30P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6423 TOREX-XC6423 Datasheet
649Kb / 24P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 擁끻컦??00mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
logo
BOWIN ELECTRONIC CO.
CDT3333 BOWIN-CDT3333 Datasheet
105Kb / 4P
   ?꿴윹弱덄뵪?㎩댍IC
logo
Lowpower Semiconductor ...
LP6400 POWER-LP6400 Datasheet
545Kb / 7P
   18W恙ュ뀉?뚧??띶럨饔ф뜟?
logo
Yangzhou yangjie electr...
2EZ100D5 YANGJIE-2EZ100D5 Datasheet
211Kb / 3P
   弱뤹뵷役곦툔?꾦퐧瀛녜샍?쀤퐥
logo
NXP Semiconductors
SSL2101_JA PHILIPS-SSL2101_JA Datasheet
522Kb / 23P
   沃욕뀎?ⓨ?恙?LED ?㎪삇??SMPS IC
Rev. 04 - 28/8 2014
logo
Shenzhen Luguang Electr...
2CL69A LUGUANG-2CL69A Datasheet
202Kb / 2P
   楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?
logo
Shenzhen Winsemi Microe...
WS2910 WINSEMI-WS2910 Datasheet
449Kb / 7P
   WS2910 ?싩뵪遙섆벽佯쪳ED要긷뒯
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com