Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTR03 Datasheet(PDF) 2 Page - Rohm

Part # KTR03
Description  High Voltage Resistance Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KTR03 Datasheet(HTML) 2 Page - Rohm

  KTR03 Datasheet HTML 1Page - Rohm KTR03 Datasheet HTML 2Page - Rohm KTR03 Datasheet HTML 3Page - Rohm KTR03 Datasheet HTML 4Page - Rohm KTR03 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.C
Data Sheet
KTR Series
Chip Resistor Dimensions and Markings
<Marking method>
There are three or four digits used for the calculation number
according to IEC code and “R”is used for the decimal point.
Part No.
(mm)
L
W
t
a
b
Marking
existence
(Unit : mm)
Only with square mark
1608
1.6
±0.1
0.8
±0.1
0.45
±0.1
0.3
±0.2
0.3
±0.2
No
2012
2.0
±0.1
1.25
±0.1
0.55
±0.1
0.3
±0.2
Yes
3216
3.2
±0.15
1.6
±0.15
0.55
±0.1
0.3
±0.25
0.5
±0.25
Yes
3225
(inch)
0603
0805
1206
1210
3.2
±0.15
2.5
±0.15
0.55
±0.15
0.3
±0.25
0.5
±0.25
Yes
0.4
±0.2
KTR03
KTR10
KTR18
KTR25
Land pattern Example
B
D
A
Land
C
A
KTR03
KTR10
KTR18
KTR25
1.0
1.2
2.2
2.2
B
2.0
2.6
4.0
4.0
C
0.8
1.15
1.5
2.3
D
0.5
0.7
0.9
0.9
(Unit : mm)
Part No.
Dimensions
L
a
b
W
t
L
a
b
W
t
KTR03
KTR10 / 18 / 25
103


Similar Part No. - KTR03

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR03 ROHM-KTR03 Datasheet
69Kb / 4P
   High Voltage Resistance Chip Resistors
KTR03 ROHM-KTR03 Datasheet
156Kb / 4P
   High Voltage Resistance Chip Resistors
KTR03 ROHM-KTR03 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors Corresponds to AEC-Q200.
KTR03 ROHM-KTR03 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR03 ROHM-KTR03 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
More results

Similar Description - KTR03

ManufacturerPart #DatasheetDescription
logo
Rohm
KTR18EZPJ335 ROHM-KTR18EZPJ335 Datasheet
426Kb / 5P
   High Voltage Resistance Chip Resistors
KTR10 ROHM-KTR10_08 Datasheet
73Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18 ROHM-KTR18_08 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR18EZPJ271 ROHM-KTR18EZPJ271 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ395 ROHM-KTR18EZPJ395 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ393 ROHM-KTR18EZPJ393 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR18EZPJ270 ROHM-KTR18EZPJ270 Datasheet
133Kb / 5P
   High Voltage Resistance Chip Resistors
KTR25 ROHM-KTR25 Datasheet
74Kb / 4P
   High Voltage Resistance Chip Resistors
KTR03 ROHM-KTR03 Datasheet
69Kb / 4P
   High Voltage Resistance Chip Resistors
KTR03 ROHM-KTR03_09 Datasheet
156Kb / 4P
   High Voltage Resistance Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com