Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP85N10-10P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUP85N10-10P
Description  N-Channel 100 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP85N10-10P Datasheet(HTML) 3 Page - Vishay Siliconix

  SUP85N10-10P Datasheet HTML 1Page - Vishay Siliconix SUP85N10-10P Datasheet HTML 2Page - Vishay Siliconix SUP85N10-10P Datasheet HTML 3Page - Vishay Siliconix SUP85N10-10P Datasheet HTML 4Page - Vishay Siliconix SUP85N10-10P Datasheet HTML 5Page - Vishay Siliconix SUP85N10-10P Datasheet HTML 6Page - Vishay Siliconix SUP85N10-10P Datasheet HTML 7Page - Vishay Siliconix SUP85N10-10P Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Vishay Siliconix
SUP85N10-10P
Document Number: 64833
S11-2239-Rev. B, 14-Nov-11
www.vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
0
20
40
60
80
100
120
0
1
234
5
VGS =10 V thru 7 V
VGS =6 V
VDS - Drain-to-Source Voltage (V)
0
30
60
90
120
150
0
10203040
50
ID - Drain Current (A)
TC = 125 °C
TC = - 55 °C
TC = 25 °C
Crss
0
1000
2000
3000
4000
5000
6000
0
204060
80
100
Ciss
Coss
VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
2
4
6
8
10
0
246
8
10
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
0.000
0.005
0.010
0.015
0.020
020
40
60
80
100
120
VGS =10 V
ID - Drain Current (A)
0
2
4
6
8
10
020
40
60
80
ID =16A
VDS =75 V
VDS =50 V
VDS =25 V
Qg - Total Gate Charge (nC)


Similar Part No. - SUP85N10-10P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP85N10-10 VISHAY-SUP85N10-10 Datasheet
65Kb / 5P
    N-Channel 100-V (D-S) 175 MOSFET
Rev. A, 14-Feb-00
SUP85N10-10 VISHAY-SUP85N10-10 Datasheet
104Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. D, 12-Jun-06
logo
Inchange Semiconductor ...
SUP85N10-10 ISC-SUP85N10-10 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SUP85N10-10 VISHAY-SUP85N10-10 Datasheet
77Kb / 6P
   N-Channel 100-V (D-S) 175 째C MOSFET
08-Apr-05
SUP85N10-10-E3 VISHAY-SUP85N10-10-E3 Datasheet
77Kb / 6P
   N-Channel 100-V (D-S) 175 째C MOSFET
08-Apr-05
More results

Similar Description - SUP85N10-10P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com