Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EECS0HD224 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EECS0HD224
Description  Electric Double Layer Capacitors (Gold Capacitor)/ SD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EECS0HD224 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EECS0HD224 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Electric Double Layer Capacitors (Gold Capacitor)/ SD
– EEC-4 –
10.0±0.5
0.2±0.05
11.5 max.
Sleeve
0.8±0.05
(1.7)
+
0.8±0.05
(1.7)
10.5 max.
0.2±0.05
B max.
5.0±0.8
Features
● Endurance : 70 °C 1000 h
● RoHS directive compliant
Stacked Coin Type
Series:
SD
Specifications
Category Temp. Range
–25 °C to +70 °C
Maximum Operating Voltage
5.5 V.DC
Nominal Cap.Range
0.22 F to 0.33 F
Characteristics at Low
Temperature
Capacitance change ±30 % of initial measured value at +20 °C (at –25 °C)
Internal resistance
<5 times of initial measured value at +20 °C (at –25 °C)
Endurance
After 1000 hours application of 5.5 V. DC at +70 °C, the capacitor shall meet the following limits.
Capacitance change ±30 % of initial measured value
Internal resistance
<4 times of initial specified value
Shelf Life
After 1000 hours storage at +70°C without load, the capacitor shall meet the specified
limits for Endurance.
Dimensions in mm(not to scale)
Recommended Applications
● Memory back-up for video and audio equipment,
cameras, telephones, printers, data terminals,
rice cookers, intelligent remote controls
Maximum
Operating Voltage
Capacitance
Capacitance
tolerance
Internal resistance
(Initial specified value)
Part number
Min. Packaging
Q’ty
(V.DC)
(F)
(F)
(
Ω) at 1kHz
(pcs)
5.5
0.022
0.0176 to 0.0396
< 150
EECS0HD 223( )
200
0.047
0.0376 to 0.0846
< 120
EECS0HD 473( )
200
0.10
0.080
to 0.180
< 75
EECS0HD 104( )
200
0.22
0.176
to 0.396
< 75
EECS0HD 224( )
200
0.33
0.264
to 0.594
< 75
EECS0HD 334( )
200
( ) Please use V or H, to indicate the terminal style.
Note : Do not use reflow soldering. (IR, Atmosphere heating methods, etc.)
Please refer to the page of “Application Guidelines”.
Terminal: V
Terminal: H
Cap. (F)
B
0.022 to 0.22
5.0
0.33
5.5
Cap. (F)
A
0.022 to 0.1
5.5
0.22
6.0
0.33
6.5
(Unit : mm)
Standard Products ✽ : Last purchasing order : Received by the end of Sep. of 2014 / Last shipment : The end of Mar. of 2015
Please consider more than 0.22 F.
01 Nov. 2013


Similar Part No. - EECS0HD224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EECS0HD224 PANASONIC-EECS0HD224 Datasheet
51Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ SD
EECS0HD224 PANASONIC-EECS0HD224 Datasheet
51Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ SD
EECS0HD224 PANASONIC-EECS0HD224 Datasheet
53Kb / 1P
   Electric Double Layer Capacitors(Gold Capacitor)/ SD
EECS0HD224 PANASONIC-EECS0HD224 Datasheet
46Kb / 1P
   Electric Double Layer Capacitors Gold Capacitor SD
EECS0HD224 PANASONIC-EECS0HD224 Datasheet
53Kb / 1P
   Electric Double Layer Capacitors(Gold Capacitor)/ SD
More results

Similar Description - EECS0HD224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEC-S0HD223H PANASONIC-EEC-S0HD223H Datasheet
58Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ SD
logo
Pacific Silicon Sensor,...
EEC-S0HD224H PACIFIC-EEC-S0HD224H Datasheet
51Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ SD
logo
Panasonic Semiconductor
EEC-S0HD104H PANASONIC-EEC-S0HD104H Datasheet
53Kb / 1P
   Electric Double Layer Capacitors(Gold Capacitor)/ SD
EEC-S0HD224V PANASONIC-EEC-S0HD224V Datasheet
51Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ SD
EECS0HD223 PANASONIC-EECS0HD223 Datasheet
51Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ SD
EECS0HD473H PANASONIC-EECS0HD473H Datasheet
53Kb / 1P
   Electric Double Layer Capacitors(Gold Capacitor)/ SD
EEC-S0HD334V PANASONIC-EEC-S0HD334V Datasheet
51Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ SD
EEC-EN0F204AK PANASONIC-EEC-EN0F204AK Datasheet
46Kb / 1P
   Electric Double Layer Capacitors Gold Capacitor SD
EECS0HD223 PANASONIC-EECS0HD223_08 Datasheet
51Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)/ SD
EECF5R5H104N PANASONIC-EECF5R5H104N Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com