Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP6900DJ Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6900DJ
Description  Fast Turn-off Intelligent Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6900DJ Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6900DJ Datasheet HTML 2Page - Monolithic Power Systems MP6900DJ Datasheet HTML 3Page - Monolithic Power Systems MP6900DJ Datasheet HTML 4Page - Monolithic Power Systems MP6900DJ Datasheet HTML 5Page - Monolithic Power Systems MP6900DJ Datasheet HTML 6Page - Monolithic Power Systems MP6900DJ Datasheet HTML 7Page - Monolithic Power Systems MP6900DJ Datasheet HTML 8Page - Monolithic Power Systems MP6900DJ Datasheet HTML 9Page - Monolithic Power Systems MP6900DJ Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP6900- FAST TURN-OFF INTELLIGENT CONTROLLER
MP6900 Rev. 1.12
www.MonolithicPower.com
6
9/19/2012 MPS Proprietary Information. Patent Protected. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
BLOCK DIAGRAM
Figure 1—Functional Block Diagram
OPERATION
The MP6900 supports operation in CCM, DCM
and Quasi-Resonant topologies. Operating in
either a DCM or Quasi-Resonant topology, the
control circuitry controls the gate in forward mode
and will turn the gate off when the MOSFET
current is fairly low. In CCM operation, the control
circuitry turns off the gate when very fast
transients occur.
Blanking
The control circuitry contains a blanking function.
When it pulls the MOSFET on/off, it makes sure
that the on/off state at least lasts for some time.
The turn on blanking time is ~1.6us, which
determines the minimum on-time. During the turn
on blanking period, the turn off threshold is not
totally blanked, but changes the threshold
voltage to ~+50mV (instead of -30mV). This
assures that the part can always be turned off
even during the turn on blanking period. (Albeit
slower, so it is not recommended to set the
synchronous period less than 1.6us at CCM
condition in flyback converter, otherwise shoot
through may occur)
VD Clamp
Because VD can go as high as 180V, a High-
Voltage JFET is used at the input. To avoid
excessive currents when Vg goes below -0.7V, a
small resistor is recommended between VD and
the drain of the external MOSFET.
Under-Voltage Lockout (UVLO)
When the VDD is below UVLO threshold, the part
is in sleep mode and the Vg pin is pulled low by a
10k
Ω resistor.
Enable pin
The Enable function is only available on the
SOIC-8 package. If EN is pulled low, the part is in
sleep mode.


Similar Part No. - MP6900DJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MP6901 TOSHIBA-MP6901 Datasheet
170Kb / 7P
   High Power Switching Applications. Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP6901 TOSHIBA-MP6901 Datasheet
229Kb / 7P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
logo
Monolithic Power System...
MP6901DS MPS-MP6901DS Datasheet
161Kb / 4P
   High Efficiency Synchronous Rectification EV Board
logo
Toshiba Semiconductor
MP6901 TOSHIBA-MP6901_07 Datasheet
229Kb / 7P
   High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
logo
Monolithic Power System...
MP6902 MPS-MP6902 Datasheet
423Kb / 12P
   Fast Turn-off Intelligent Controller
More results

Similar Description - MP6900DJ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6903 MPS-MP6903 Datasheet
320Kb / 10P
   Fast Turn-off Intelligent Controller
MP6902 MPS-MP6902 Datasheet
423Kb / 12P
   Fast Turn-off Intelligent Controller
MP6922 MPS-MP6922 Datasheet
312Kb / 13P
   Dual Fast Turn-off Intelligent Controller
MP6920 MPS-MP6920 Datasheet
213Kb / 9P
   Fast Turn-Off Intelligent Rectifier
MP6910 MPS-MP6910 Datasheet
202Kb / 10P
   Fast Turn-off Intelligent Rectifier
logo
SEMPO ELECTRONIC Limite...
SMTC1-2000F SEMPO-SMTC1-2000F Datasheet
60Kb / 1P
   Fast Turn-off Thyristor
SMTC1-1800F SEMPO-SMTC1-1800F Datasheet
59Kb / 1P
   Fast Turn-off Thyristor
SMTC1-800F SEMPO-SMTC1-800F Datasheet
57Kb / 1P
   Fast Turn-off Thyristor
logo
ZHEJIANG HUAJING RECTIF...
KK2000A HUAJING-KK2000A Datasheet
223Kb / 3P
   Fast Turn-off Thyhristor
KK400A HUAJING-KK400A Datasheet
219Kb / 3P
   Fast Turn-off Thyhristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com