Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP6401DGT-18BD3 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6401DGT-18BD3
Description  300mA LDO Linear Regulator with Integrated Reset Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6401DGT-18BD3 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6401DGT-18BD3 Datasheet HTML 7Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 8Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 9Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 10Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 11Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 12Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 13Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 14Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP6401 – 300mA LDO LINEAR REGULATOR WITH INTEGRATED RESET IC
MP6401 Rev. 1.0
www.MonolithicPower.com
11
9/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
The MP6401 integrates a low noise, low dropout,
low quiescent current linear regulator and a
microprocessor reset circuit. It operates from a
2.5V to 5.5V input voltage and regulates the fixed
output voltage with 2% accuracy at 1.8V, 2.5V,
3.3V or adjustable value. The MP6401 can supply
to 300mA of load current. The internal reset
circuit is used to monitor the regulator output
voltage. The RESET asserts when the regulator
output voltage drops below the standard
microprocessor supply threshold.
Linear Regulator
The MP6401 can output a fixed voltage (1.8V,
2.5V, 3.3V options) or adjustable voltage which
ranges from 1.25V to 5V with 2.0% accuracy by
operating from a +2.5V to +5.5V input. The
MP6401 can supply up to 300mA of load current.
When ADJ is connected to GND, a fixed output
voltage is selected. Connecting ADJ pin to the tap
of external resistor divider from the OUT to GND,
adjustable output voltage is selected. The typical
ADJ connection is shown in Fig 3.
2.5V to 5.5V
IN
OUT
ADJ
EN
GND
MP6401
R1
R2
Figure 3—Output Voltage Adjusted with
Resistor Divider
Reset Function
The reset circuit monitors the OUT voltage.
RESET asserts while OUT voltage falls below its
threshold. Two OUT voltage thresholds (-7.5%
and -12.5%) are available. The power-up,
power-down, and brownout conditions will make
RESET asserted. So MP6401 monitor circuit
could right control the microprocessor. RESET
asserts when the input and output voltage below
their thresholds. RESET asserts when EN is a
low logic. When the assert trigger condition is
removed, RESET will deassert after a fixed delay
time. Four options of reset delay-time (see Table
3) can be selected.
EN Shutdown
The MP6401 can be switched ON or OFF by a
logic input at the EN pin. A high voltage at this pin
will turn the device on. When the EN pin is low,
the regulator output is off and the supply current
is reduced. Generally, the EN pin should be tied
to IN to keep the regulator output always on. Do
not float the EN pin.
Reverse Leakage Protection
An internal circuit monitors VIN and VOUT to control
the reverse leakage current from OUT to IN.
While VIN decreases lower than VOUT and EN still
hold logic high, the monitor circuit turns off the
pass element and its parasitic diode. Typically the
reverse leakage current through pass element
decreases to 0.1uA. RESET deasserts until VIN
returns greater than VOUT and VOUT is higher than
its preset threshold.
MP6401 also can work with backup battery at
OUT after input power supply is removed as
shown in Fig 4. When input power supply is
removed, RESET asserts. The backup battery
will power the device through two external diodes
and typically the current from OUT to ground is
40uA. So, the power supply removing does not
erase RAM content if the voltage of backup
battery is greater than memory’s standby
specification. The backup battery can be replaced
by a super-cap, while the diode connected with
battery is changed to a current-limiting resistor.
MP6401
IN
OUT
EN
Removable
MEMORY
uP
3.3uF
Backup
Battery
Figure 4— Maintain Memory with Backup
Battery
Current Limit
The MP6401 includes a current limit structure
which monitors and controls pass element gate
voltage limiting the guaranteed maximum output
current to 500mA.


Similar Part No. - MP6401DGT-18BD3

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-01 MPS-MP6400DG-01 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-09 MPS-MP6400DG-09 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-12 MPS-MP6400DG-12 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-15 MPS-MP6400DG-15 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
More results

Similar Description - MP6401DGT-18BD3

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9611 GMT-G9611 Datasheet
566Kb / 7P
   Low-Dropout, 300mA Linear Regulator with Reset
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Intersil Corporation
ISL6414 INTERSIL-ISL6414 Datasheet
368Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com