Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP6401DGT-18BD3 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6401DGT-18BD3
Description  300mA LDO Linear Regulator with Integrated Reset Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6401DGT-18BD3 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6401DGT-18BD3 Datasheet HTML 1Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 2Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 3Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 4Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 5Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 6Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 7Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 8Page - Monolithic Power Systems MP6401DGT-18BD3 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP6401 – 300mA LDO LINEAR REGULATOR WITH INTEGRATED RESET IC
MP6401 Rev. 1.0
www.MonolithicPower.com
5
9/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = (VOUT + 0.5V) or +2.5V, whichever is greater, COUT = 3.3µF. Typical Value at TA = +25°C unless
otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
VOUT ≥ 1.0V, ISINK = 50µA,
RESET asserted
0.3
VOL
VOUT ≥ 1.5V, ISINK = 3.2mA,
RESET asserted
0.4
RESET
Output Voltage
Push-Pull
VOH
VOUT ≥ 2.0V, ISOURCE = 500µA,
RESET deasserted
0.8VOUT
V
Notes:
5)
Dropout Voltage is defined as the input to output differential when the output voltage drops 100mV below its nominal value.


Similar Part No. - MP6401DGT-18BD3

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-01 MPS-MP6400DG-01 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-09 MPS-MP6400DG-09 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-12 MPS-MP6400DG-12 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
MP6400DG-15 MPS-MP6400DG-15 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
More results

Similar Description - MP6401DGT-18BD3

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9611 GMT-G9611 Datasheet
566Kb / 7P
   Low-Dropout, 300mA Linear Regulator with Reset
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Intersil Corporation
ISL6414 INTERSIL-ISL6414 Datasheet
368Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com