Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS178-73 Datasheet(PDF) 2 Page - Alpha Industries

Part # AS178-73
Description  PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS178-73 Datasheet(HTML) 2 Page - Alpha Industries

  AS178-73 Datasheet HTML 1Page - Alpha Industries AS178-73 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC–2 GHz
AS178-73
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 11/99A
CBL
CBL
V1
J1
V2
J2
GND
J3
CBL
VS
10 k
Pin Out
V1
V2
J1–J2
J1–J3
0VHigh
Isolation
Insertion Loss
VHigh
0
Insertion Loss
Isolation
Truth Table
VHigh = +3 to +5 V (VS = VHigh ± 0.2 V).
DC blocking capacitors (CBL) must be supplied externally.
CBL = 100 pF for operating frequency >500 MHz.
Typical Performance Data (0, +3 V)
Insertion Loss vs. Frequency
Frequency (GHz)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.5
1.0
1.5
2.0
2.5
VSWR vs. Frequency
Frequency (GHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
0.0
0.5
1.0
1.5
2.0
2.5
Isolation vs. Frequency
Frequency (GHz)
10
15
20
25
30
35
40
45
0.0
0.5
1.0
1.5
2.0
2.5
Characteristic
Value
RF Input Power
10 W Max. > 900 MHz
0/+7 V Control
Control Voltage
-0.2 V, +8 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
ΘJC
25°C/W
Absolute Maximum Ratings


Similar Part No. - AS178-73

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1701-T AMSCO-AS1701-T Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
   1.6W Single-Channel Audio Power Amplifiers
More results

Similar Description - AS178-73

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS173-73 ALPHA-AS173-73 Datasheet
40Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS185-92 ALPHA-AS185-92 Datasheet
39Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS205-322 ALPHA-AS205-322 Datasheet
58Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS188-92 ALPHA-AS188-92 Datasheet
39Kb / 2P
   PHEMT GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
AS139-73 ALPHA-AS139-73 Datasheet
23Kb / 2P
   GaAs IC High Linearity Positive Control SPDT Switch DC-2 GHz
logo
Skyworks Solutions Inc.
AS188-92 SKYWORKS-AS188-92 Datasheet
88Kb / 4P
   PHEMT GaAs IC High-Linearity Positive Control SPDT Switch 300 kHz-2 GHz
logo
Alpha Industries
AS158-59 ALPHA-AS158-59 Datasheet
46Kb / 2P
   GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz
AS191-73 ALPHA-AS191-73 Datasheet
28Kb / 2P
   PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
AS190-73 ALPHA-AS190-73 Datasheet
43Kb / 2P
   PHEMT GaAs IC High Linearity 3 V Control SPDT Switch 0.1-2 GHz
logo
Skyworks Solutions Inc.
AS201-306 SKYWORKS-AS201-306 Datasheet
54Kb / 2P
   PHEMT GaAs IC High Linearity and Isolation SPDT Switch DC-3 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com