Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP6211-3 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6211-3
Description  3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6211-3 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6211-3 Datasheet HTML 3Page - Monolithic Power Systems MP6211-3 Datasheet HTML 4Page - Monolithic Power Systems MP6211-3 Datasheet HTML 5Page - Monolithic Power Systems MP6211-3 Datasheet HTML 6Page - Monolithic Power Systems MP6211-3 Datasheet HTML 7Page - Monolithic Power Systems MP6211-3 Datasheet HTML 8Page - Monolithic Power Systems MP6211-3 Datasheet HTML 9Page - Monolithic Power Systems MP6211-3 Datasheet HTML 10Page - Monolithic Power Systems MP6211-3 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP6211-3/MP6212-3 –CURRENT-LIMITED POWER DISTRIBUTION SWITCH
MP6211-3/MP6212-3 Rev 1.0
www.MonolithicPower.com
7
2/18/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5.5V, TA = +25ºC, unless otherwise noted.
1ms/div
Enabled Device
VEN=5V, CL=1uF
Inrush Current with
Different Load Capacitance
Threshold Trip Current with
Ramped Load on Enabled Device
VEN=5V, CL=1uF
Ramped Load on
Enabled Device
VEN=5V, CL=1uF
Short Circuit Current, Device
Enabled into Short
VEN=5V, CL=1uF
4ms/div
2ms/div
2ms/div
2ms/div
IO
500mA/div


Similar Part No. - MP6211-3

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6211 MPS-MP6211 Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
MP6211DH MPS-MP6211DH Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
MP6211DN MPS-MP6211DN Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
More results

Similar Description - MP6211-3

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6211 MPS-MP6211 Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
MP62055-3 MPS-MP62055-3 Datasheet
357Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62071 MPS-MP62071 Datasheet
293Kb / 11P
   3.3V/5V, Single-Channel 0.8A Current-Limited Power Distribution Switch
MP62260 MPS-MP62260 Datasheet
417Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch
MP6205 MPS-MP6205 Datasheet
373Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP6215 MPS-MP6215 Datasheet
658Kb / 10P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62170 MPS-MP62170 Datasheet
366Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch
MP62150 MPS-MP62150 Datasheet
602Kb / 10P
   3.3V/5V, Single-Channel, 1.5A Current-Limited Power Distribution Switch
MP62055 MPS-MP62055 Datasheet
376Kb / 10P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch
MP62061 MPS-MP62061 Datasheet
292Kb / 11P
   3.3V/5V, Single-Channel 700mA Current-Limited Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com