Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP5410EQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5410EQ
Description  Low Start-up Voltage Boost Converter with Four SPDT Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5410EQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5410EQ Datasheet HTML 1Page - Monolithic Power Systems MP5410EQ Datasheet HTML 2Page - Monolithic Power Systems MP5410EQ Datasheet HTML 3Page - Monolithic Power Systems MP5410EQ Datasheet HTML 4Page - Monolithic Power Systems MP5410EQ Datasheet HTML 5Page - Monolithic Power Systems MP5410EQ Datasheet HTML 6Page - Monolithic Power Systems MP5410EQ Datasheet HTML 7Page - Monolithic Power Systems MP5410EQ Datasheet HTML 8Page - Monolithic Power Systems MP5410EQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP5410—LOW START-UP VOLTAGE BOOST CONVERTER WITH FOUR SPDT SWITCHES
MP5410 Rev.1.01
www.MonolithicPower.com
2
3/28/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP5410EQ
QFN16 (3x3mm)
ABAY
-20
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP5410EQ–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MP5410EQ–LF–Z)
PACKAGE REFERENCE
TOP VIEW
EXPOSED PAD
CONNECT TO GND
PIN 1 ID
L
EN
S1
S0
ISET
FB
S2
S3
1
2
3
4
13
14
15
16
8
7
6
5
D
C
B
A
GND
IN
SW
OUT
12
11
10
9
QFN16 (3x3mm)
ABSOLUTE MAXIMUM RATINGS (1)
SW, OUT, A, B, C, D.....................-0.5V to +12V
All other Pins................................-0.5V to +6.5V
Continuous Power Dissipation
(TA = +25°C)
(2)
........................................................... 2.08W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ..........................1.8V to 5.5V
Boost Converter Output Voltage.........VIN to 10V
Maximum Junction Temp. (TJ) ............... +125°C
Thermal Resistance
(4)
θJA
θJC
QFN16 (3x3mm) ....................60 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7, 4-layer PCB.


Similar Part No. - MP5410EQ

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP5413 MPSIND-MP5413 Datasheet
139Kb / 2P
   2.7V-5.5V, Power Management IC with Four Buck Converters, Two LDOs,I2C Interface, and 2 GPO Pins
Rev. 0.8 3/21/2019
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
MP5414DV MPS-MP5414DV Datasheet
687Kb / 22P
   PMU for 3D Glasses
MP5416GR-0001 MPS-MP5416GR-0001 Datasheet
511Kb / 7P
   5V Power Management IC Evaluation Board
More results

Similar Description - MP5410EQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS6120x Low Input Voltage Synchronous Boost Converter With 1.3-A Switches
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Lowpower Semiconductor ...
LP6201 POWER-LP6201 Datasheet
520Kb / 9P
   Low voltage start-up:0.9V
logo
NXP Semiconductors
ASL4501SHN NXP-ASL4501SHN Datasheet
1Mb / 43P
   Four-phase boost converter
Rev. 2-10 January 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com