Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2611 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA2611
Description  2-6 GHz GaN LNA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2611 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA2611 Datasheet HTML 1Page - TriQuint Semiconductor TGA2611 Datasheet HTML 2Page - TriQuint Semiconductor TGA2611 Datasheet HTML 3Page - TriQuint Semiconductor TGA2611 Datasheet HTML 4Page - TriQuint Semiconductor TGA2611 Datasheet HTML 5Page - TriQuint Semiconductor TGA2611 Datasheet HTML 6Page - TriQuint Semiconductor TGA2611 Datasheet HTML 7Page - TriQuint Semiconductor TGA2611 Datasheet HTML 8Page - TriQuint Semiconductor TGA2611 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TGA2611
2-6 GHz GaN LNA
Preliminary Datasheet: Rev - 11-8-13
- 1 of 12 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Pad Configuration
Pad No.
Symbol
1
RF In
2
VD
3
RF Out
4
VG
Applications
 Commercial and Military Radar
 Satellite Communications
General Description
TriQuint
’s TGA2611 is a broadband Low Noise
Amplifier
fabricated on TriQuint’s production 0.25um
GaN on SiC process (TQGaN25). Covering 2
–6GHz,
the TGA2611 typically provides 22dBm P1dB, 25dB of
small signal gain, 1.5dB of noise figure and 32dBm of
OTOI.
In addition to the high overall electrical
performance, this GaN amplifier also provides a high
level of input power robustness. Able to survive up to
2W of input power without performance degradation,
TriQuint’s TGA2611 provides flexibility regarding
receive chain protection never before seen with GaAs
technology.
Fully matched to 50 ohms with integrated DC blocking
caps on both I/O ports, the TGA2611 is ideally suited
for radar and satellite communications.
Lead-free and RoHS compliant
Evaluation Boards are available upon request.
Ordering Information
Part
ECCN
Description
TGA2611
EAR99
2
– 6 GHz GaN LNA
Product Features
 Frequency Range: 2–6GHz
 NF: 1.5dB
 OTOI: 32dBm
 Small Signal Gain: 25dB
 Return Loss: >10dB
 P1dB: 22dBm
 Bias: V
D = 10V, IDQ = 110mA, VG = -2.3V Typical
 Chip Dimensions: 2.1 x 1.5 x 0.10mm
Functional Block Diagram


Similar Part No. - TGA2611

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611 Datasheet
406Kb / 12P
   2 to 6 GHz GaN LNA
TGA2611-SM TRIQUINT-TGA2611-SM Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
logo
TriQuint Semiconductor
TGA2611-SM TRIQUINT-TGA2611-SM_15 Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
TGA2611 TRIQUINT-TGA2611_15 Datasheet
406Kb / 12P
   2 to 6 GHz GaN LNA
More results

Similar Description - TGA2611

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2611-SM TRIQUINT-TGA2611-SM_15 Datasheet
600Kb / 14P
   2 6 GHz GaN LNA
logo
Qorvo, Inc
TGA2611-SM QORVO-TGA2611-SM Datasheet
1Mb / 13P
   2 ??6 GHz GaN LNA
June 2020
logo
TriQuint Semiconductor
TGA2611 TRIQUINT-TGA2611_15 Datasheet
406Kb / 12P
   2 to 6 GHz GaN LNA
TGA2612 TRIQUINT-TGA2612_15 Datasheet
526Kb / 12P
   6 to 12 GHz GaN LNA
TGA2612-SM TRIQUINT-TGA2612-SM_15 Datasheet
609Kb / 14P
   6 to 12 GHz GaN LNA
QPL1002 TRIQUINT-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
logo
Qorvo, Inc
QPL1002 QORVO-QPL1002 Datasheet
2Mb / 14P
   0.03 ??3 GHz GaN LNA
June 26, 2017
logo
TriQuint Semiconductor
TGA2597 TRIQUINT-TGA2597_15 Datasheet
901Kb / 14P
   2 6 GHz GaN Driver Amplifier
TGA2597-SM TRIQUINT-TGA2597-SM_15 Datasheet
1Mb / 16P
   2 6 GHz GaN Driver Amplifier
logo
Qorvo, Inc
TGA2578 QORVO-TGA2578 Datasheet
566Kb / 12P
   2-6 GHz 30 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com