Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP5003EQ Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5003EQ
Description  3.3V, 1A-3A Programmable Current Limit Switch with Auto Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5003EQ Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5003EQ Datasheet HTML 1Page - Monolithic Power Systems MP5003EQ Datasheet HTML 2Page - Monolithic Power Systems MP5003EQ Datasheet HTML 3Page - Monolithic Power Systems MP5003EQ Datasheet HTML 4Page - Monolithic Power Systems MP5003EQ Datasheet HTML 5Page - Monolithic Power Systems MP5003EQ Datasheet HTML 6Page - Monolithic Power Systems MP5003EQ Datasheet HTML 7Page - Monolithic Power Systems MP5003EQ Datasheet HTML 8Page - Monolithic Power Systems MP5003EQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP5003 – 3.3V, 1A-3A PROGRAMMABLE CURRENT LIMIT SWITCH WITH AUTO ENABLE
MP5003 Rev. 0.921
www.MonolithicPower.com
5
2/29/2012
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=3.3V, VEN=3.3V, RLIMIT=24Ω, COUT=10μF, Cdv/dt=1nF, TA=25°C, unless otherwise noted.
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2.5
3
3.5
4
INP UT VOL T AG E (V)
LOAD CURRENT(A)
Supply Current,Output Enabled
vs.Input Voltage
No load, EN floating
Supply Current,Output Disabled
vs.Input Voltage
VEN=0V
0.75
0.8
0.85
0.9
0.95
2.5
3
3.5
4
INP UT V OL T AG E (V )
Static Drain-Source On-State
Resistance vs. Input Voltage
IOUT=1A
INPUT VOLTAGE(V)
INPUT VOLTAGE(V)
0
20
40
60
80
100
120
140
0
0 .5
1
1 .5
2
2 .5
2.3
2.4
2.5
2.6
2.7
2.8
2.5
3
3.5
4
1.4
1.5
1.6
1.7
1.8
2.5
3
3.5
4
Current Limit Response
vs. Peak Current
No Cout
4
10
16
22
28
3
8
13
18
PEAK CURRENT(A)
Trip and Hold Current
vs. RLIMIT
0
1
2
3
4
5
6
0
20
40
60
80 100 120
Trip Current
Hold Current
VIN=3V
VIN=3.3V
VIN=3.6V
VIN=3.9V
40
45
50
55
60
65
70
2.5
3
3.5
4
INPUT VOLTAGE (V)


Similar Part No. - MP5003EQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5000 MPS-MP5000 Datasheet
772Kb / 12P
   12V, 5A Programmable Current Limit Switch
logo
CHENG-YI ELECTRONIC CO....
MP50005 CHENG-YI-MP50005 Datasheet
147Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
RFE international
MP50005 RFE-MP50005 Datasheet
508Kb / 2P
   BRIDGE RECTIFIERS 35 to 50 Amps
logo
Microdiode Electronics ...
MP50005 CHENDA-MP50005 Datasheet
387Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
RFE international
MP50005S RFE-MP50005S Datasheet
508Kb / 2P
   BRIDGE RECTIFIERS 35 to 50 Amps
More results

Similar Description - MP5003EQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5002 MPS-MP5002 Datasheet
392Kb / 12P
   3.3V, 1A-3A Programmable Current Limit Switch
MP5006 MPS-MP5006 Datasheet
361Kb / 13P
   5V, 1A- 5A Programmable Current Limit Switch with Slew Rate Control and Auto Enable
MP5007 MPS-MP5007 Datasheet
586Kb / 11P
   5V, 1A- 5A Programmable Current Limit Switch
MP5010S MPS-MP5010S Datasheet
782Kb / 13P
   5V, 1A- 5A Programmable Current Limit Switch
MP5010 MPS-MP5010 Datasheet
978Kb / 12P
   5V, 1A- 5A Programmable Current Limit Switch
MP5001 MPS-MP5001 Datasheet
737Kb / 12P
   5V, 1A- 5A Programmable Current Limit Switch
logo
Richtek Technology Corp...
RT9728C RICHTEK-RT9728C Datasheet
210Kb / 13P
   Power Switch with Programmable Current Limit
logo
Lowpower Semiconductor ...
LPW5201 POWER-LPW5201 Datasheet
285Kb / 4P
   Power Switch with Programmable Current Limit
logo
Monolithic Power System...
MP6219 MPS-MP6219 Datasheet
715Kb / 11P
   5V, 1A ??2A Programmable Current Limit Power Distribution Switch
logo
Maxim Integrated Produc...
MAX9611PMB1 MAXIM-MAX9611PMB1 Datasheet
1Mb / 9P
   Programmable Current Limit Up to 1A
Rev 0; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com