Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR18EZHFS9R1 Datasheet(PDF) 4 Page - Rohm

Part # MCR18EZHFS9R1
Description  Low Ohmic Thick Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR18EZHFS9R1 Datasheet(HTML) 4 Page - Rohm

  MCR18EZHFS9R1 Datasheet HTML 1Page - Rohm MCR18EZHFS9R1 Datasheet HTML 2Page - Rohm MCR18EZHFS9R1 Datasheet HTML 3Page - Rohm MCR18EZHFS9R1 Datasheet HTML 4Page - Rohm MCR18EZHFS9R1 Datasheet HTML 5Page - Rohm MCR18EZHFS9R1 Datasheet HTML 6Page - Rohm MCR18EZHFS9R1 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.C
Data Sheet
MCR series - Low Ohmic - < General Purpose >
Derating Curve
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curves below.
0
20
40
60
80
100
−55
0
70
100
125
AMBIENT TEMPERATURE (
°C)
MCR006 / 100
Characteristics
Guaranteed Value
± (2.0%+0.005Ω)
± (1.0%+0.005Ω)
± (3.0%+0.005Ω)
20
°C
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
Without Open.
Compliance Standard(s) : IEC60115
−8
JISC 5201
−8
Measurement :
+20 / −55 / +20 / +125°C
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s
40
°C, 93%RH (Relative Humidity)
Test time : 1,000h to 1,048h
± (3.0%+0.005Ω)
± (3.0%+0.005Ω)
± (1.0%+0.005Ω) ※MCR006 only
± (0.5%+0.005Ω)
± (1.0%+0.005Ω)
70
°C
Rated voltage (current)
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
125
°C (MCR006 / 100)
155
°C (MCR01 / 03 / 10 / 18 / 25 / 50)
Test time : 1,000h to 1,048h
23
±5°C, Immersion cleaning, 5±0.5min
Solvent : 2
−propanol
Test temp.
−55°C to +125°C 100cycle (MCR006)
−55°C to +125°C 5cycle (MCR01 / 03 / 10 / 18 / 25 / 50 / 100)
Rosin·Ethanol : 25% (weight)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s
Rated voltage (current)
×2.5, 2s.
Maximum overload voltage
See "Products List"
See "Products List"
Test Items
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70
°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
Test Conditions
Chip weight (typical value)
Parameter
Unit
MCR006
YRT
MCR01
MRT
MCR03
ERT
MCR10
EZH
MCR18
EZH
MCR25
JZH
MCR50
JZH
MCR100
JZH
mg/pc
0.150
0.565
2.03
5.00
9.78
16.5
25.8
42.0
Weight
MCR01 / 03 / 10 / 18 / 25 / 50
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERATURE (
°C)


Similar Part No. - MCR18EZHFS9R1

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR18EZHFS9R1 ROHM-MCR18EZHFS9R1 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHFS9R10 ROHM-MCR18EZHFS9R10 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
More results

Similar Description - MCR18EZHFS9R1

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR03 ROHM-MCR03_2 Datasheet
70Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_11 Datasheet
132Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_3 Datasheet
75Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_11 Datasheet
175Kb / 4P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com