Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-012M8T Datasheet(PDF) 9 Page - Rohm

Part # SML-012M8T
Description  SML-01 series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-012M8T Datasheet(HTML) 9 Page - Rohm

Back Button SML-012M8T Datasheet HTML 2Page - Rohm SML-012M8T Datasheet HTML 3Page - Rohm SML-012M8T Datasheet HTML 4Page - Rohm SML-012M8T Datasheet HTML 5Page - Rohm SML-012M8T Datasheet HTML 6Page - Rohm SML-012M8T Datasheet HTML 7Page - Rohm SML-012M8T Datasheet HTML 8Page - Rohm SML-012M8T Datasheet HTML 9Page - Rohm SML-012M8T Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-01 series
6.STORAGE
At reflow soldering, the reliability of this product is often influenced by moisture
absorption so we apply the packaging with moisture proof for better condition is use, please also note that
6-1) Not to be opened before using.
6-2) To be kept in our moisture proof packaging with some desiccant (SILICA GEL) after opening it.
To be baked in case the SILICA GEL indicator changed its color from either blue to clear or green to pink.
6-3) Please use within 168 hours after the package was opened. (Condition at 30ºC, max.70%Rh.)
In case it is not used within 168 hours, please put it back into our packaging.
6-4) BAKING
Please bake under reel condition at 60ºC, 12~24 hours (max.20%Rh) after un-sealing.
While baking is done, the reel and emboss tape may be easily deformed.
Please be careful not to give any stress.
7.LIFE TIME
This product will cause reduction of luminous intensity depending on the using conditions and environmental.
Please inquire our sales contact if long life time is required on your application.
9/9
2013.08 - Rev.C


Similar Part No. - SML-012M8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012M8T ROHM-SML-012M8T Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-012M8T ROHM-SML-012M8T Datasheet
104Kb / 2P
   Chip LEDs with Reflector Standard Type
SML-012M8T ROHM-SML-012M8T Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012M8T ROHM-SML-012M8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012M8T ROHM-SML-012M8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results

Similar Description - SML-012M8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012VT ROHM-SML-012VT Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-211UTT86K ROHM-SML-211UTT86K Datasheet
116Kb / 3P
   SML-211 Series
SML-311DTT86K ROHM-SML-311DTT86K Datasheet
1Mb / 4P
   SML-31 series
SML-11 ROHM-SML-11 Datasheet
110Kb / 3P
   SML-11 Series
SML-P24MUWT86 ROHM-SML-P24MUWT86 Datasheet
419Kb / 7P
   SML-P24 series
SML-P12VTT86 ROHM-SML-P12VTT86 Datasheet
644Kb / 9P
   SML-P1 series
SML-21 ROHM-SML-21 Datasheet
136Kb / 3P
   SML-21 Series
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01 Datasheet
468Kb / 8P
   S11155-2048-01 S11156-2048-01
logo
Renesas Technology Corp
ICS8725B-01 RENESAS-ICS8725B-01 Datasheet
873Kb / 20P
   ICS8725B-01
JULY 16, 2009
logo
Rohm
SML-811X ROHM-SML-811X Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com