Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP4560 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4560
Description  2A, 2MHz, 55V Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4560 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4560 Datasheet HTML 4Page - Monolithic Power Systems MP4560 Datasheet HTML 5Page - Monolithic Power Systems MP4560 Datasheet HTML 6Page - Monolithic Power Systems MP4560 Datasheet HTML 7Page - Monolithic Power Systems MP4560 Datasheet HTML 8Page - Monolithic Power Systems MP4560 Datasheet HTML 9Page - Monolithic Power Systems MP4560 Datasheet HTML 10Page - Monolithic Power Systems MP4560 Datasheet HTML 11Page - Monolithic Power Systems MP4560 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MP4560 – 2A, 2MHz, 55V STEP-DOWN CONVERTER
MP4560 Rev. 1.0
www.MonolithicPower.com
8
11/5/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Internal Regulator
Most of the internal circuitries are powered from
the 2.6V internal regulator. This regulator takes
the VIN input and operates in the full VIN range.
When VIN is greater than 3.0V, the output of the
regulator is in full regulation. When VIN is lower
than 3.0V, the output decreases.
Enable Control
The MP4560 has a dedicated enable control pin
(EN). With high enough input voltage, the chip
can be enabled and disabled by EN which has
positive logic. Its falling threshold is a precision
1.2V, and its rising threshold is 1.5V (300mV
higher).
When floating, EN is pulled up to about 3.0V by
an internal 1µA current source so it is enabled.
To pull it down, 1µA current capability is needed.
When EN is pulled down below 1.2V, the chip is
put into the lowest shutdown current mode.
When EN is higher than zero but lower than its
rising threshold, the chip is still in shutdown
mode but the shutdown current increases slightly.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented to
protect the chip from operating at insufficient
supply voltage. The UVLO rising threshold is
about 3.0V while its falling threshold is a
consistent 2.6V.
Internal Soft-Start
The soft-start is implemented to prevent the
converter output voltage from overshooting
during startup and short circuit recovery. When
the chip starts, the internal circuitry generates a
soft-start voltage (SS) ramping up from 0V to
2.6V. When it is lower than the internal reference
(REF), SS overrides REF so the error amplifier
uses SS as the reference. When SS is higher
than REF, REF regains control.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip
from
operating
at
exceedingly
high
temperatures. When the silicon die temperature
is higher than its upper threshold, it shuts down
the whole chip. When the temperature is lower
than its lower threshold, the chip is enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor. This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is 2.2V with a hysteresis of
150mV. The driver’s UVLO is soft-start related. In
case the bootstrap voltage hits its UVLO, the
soft-start circuit is reset. To prevent noise, there
is 20µs delay before the reset action. When
bootstrap UVLO is gone, the reset is off and then
soft-start process resumes.
The bootstrap capacitor is charged and regulated
to about 5V by the dedicated internal bootstrap
regulator. When the voltage between the BST
and SW nodes is lower than its regulation, a
PMOS pass transistor connected from VIN to
BST is turned on. The charging current path is
from VIN, BST and then to SW. External circuit
should provide enough voltage headroom to
facilitate the charging.
As long as VIN is sufficiently higher than SW, the
bootstrap capacitor can be charged. When the
power MOSFET is ON, VIN is about equal to SW
so the bootstrap capacitor cannot be charged.
When the external diode is on, the difference
between VIN and SW is largest, thus making it
the best period to charge. When there is no
current in the inductor, SW equals the output
voltage VOUT so the difference between VIN and
VOUT can be used to charge the bootstrap
capacitor.
At higher duty cycle operation condition, the time
period available to the bootstrap charging is less
so the bootstrap capacitor may not be sufficiently
charged.
In case the internal circuit does not have
sufficient voltage and the bootstrap capacitor is
not charged, extra external circuitry can be used
to ensure the bootstrap voltage is in the normal
operational region. Refer to External Bootstrap
Diode
in Application section.
The DC quiescent current of the floating driver is
about 20µA. Make sure the bleeding current at
the SW node is higher than this value, such that:
A
20
)
2
R
1
R
(
V
I
O
O
μ
>
+
+


Similar Part No. - MP4560

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
   1.5A, 2MHz, 55V Step-Down Converter
MP4561DQ MPS-MP4561DQ Datasheet
340Kb / 17P
   1.5A, 2MHz, 55V Step-Down Converter
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
   36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
MP4566DD MPS-MP4566DD Datasheet
358Kb / 14P
   36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
MP4568 MPS-MP4568 Datasheet
946Kb / 16P
   60V, 100mA Synchronous Step-Down Converter
More results

Similar Description - MP4560

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EVQ4560-N-00A MPS-EVQ4560-N-00A Datasheet
711Kb / 7P
   2A, 55V, 2MHz Step-Down Converter Evaluation Board
EVQ4560-Q-00A MPS-EVQ4560-Q-00A Datasheet
665Kb / 7P
   2A, 55V, 2MHz Step-Down Converter Evaluation Board
MPQ4560-AEC1 MPS-MPQ4560-AEC1 Datasheet
1Mb / 21P
   Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter
MP4558 MPS-MP4558 Datasheet
1Mb / 20P
   1A, 2MHz, 55V Step-Down Converter
MP4561 MPS-MP4561 Datasheet
340Kb / 17P
   1.5A, 2MHz, 55V Step-Down Converter
MP4559 MPS-MP4559 Datasheet
555Kb / 19P
   1.5A, 2MHz, 55V Step-Down Converter
MP2494 MPS-MP2494 Datasheet
427Kb / 11P
   2A, 55V, 100kHz Step-Down Converter
logo
Richtek Technology Corp...
RT8064 RICHTEK-RT8064 Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8064ZSP RICHTEK-RT8064ZSP Datasheet
202Kb / 13P
   2A, 2MHz, Synchronous Step-Down Converter
RT8062 RICHTEK-RT8062 Datasheet
150Kb / 11P
   2A, 2MHz, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com