Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9544ABS-T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9544ABS-T
Description  4-channel I2C-bus multiplexer with interrupt logic
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9544ABS-T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9544ABS-T Datasheet HTML 2Page - NXP Semiconductors PCA9544ABS-T Datasheet HTML 3Page - NXP Semiconductors PCA9544ABS-T Datasheet HTML 4Page - NXP Semiconductors PCA9544ABS-T Datasheet HTML 5Page - NXP Semiconductors PCA9544ABS-T Datasheet HTML 6Page - NXP Semiconductors PCA9544ABS-T Datasheet HTML 7Page - NXP Semiconductors PCA9544ABS-T Datasheet HTML 8Page - NXP Semiconductors PCA9544ABS-T Datasheet HTML 9Page - NXP Semiconductors PCA9544ABS-T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
PCA9544A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 June 2009
6 of 26
NXP Semiconductors
PCA9544A
4-channel I2C-bus multiplexer with interrupt logic
6.
Functional description
Refer to Figure 1 “Block diagram”.
6.1 Device addressing
Following a START condition the bus master must output the address of the slave it is
accessing. The address of the PCA9544A is shown in Figure 5. To conserve power, no
internal pull-up resistors are incorporated on the hardware selectable address pins and
they must be pulled HIGH or LOW.
The last bit of the slave address defines the operation to be performed. When set to
logic 1 a read is selected, while a logic 0 selects a write operation.
6.2 Control register
Following the successful acknowledgement of the slave address, the bus master will send
a byte to the PCA9544A which will be stored in the Control register. If multiple bytes are
received by the PCA9544A, it will save the last byte received. This register can be written
and read via the I2C-bus.
6.2.1 Control register definition
A SCx/SDx downstream pair, or channel, is selected by the contents of the control
register. This register is written after the PCA9544A has been addressed. The 3 LSBs of
the control byte are used to determine which channel is to be selected. When a channel is
selected, it will become active after a STOP condition has been placed on the I2C-bus.
This ensures that all SCx/SDx lines will be in a HIGH state when the channel is made
active, so that no false conditions are generated at the time of connection.
Fig 5.
Slave address
002aab189
1
1
1
0
A2
A1
A0 R/W
fixed
hardware
selectable
Fig 6.
Control register
002aae297
INT3 INT2 INT1 INT0
X
B2
B1
B0
interrupt bits
(read only)
channel selection bits
(read/write)
76543210
bit
enable bit


Similar Part No. - PCA9544ABS-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9544ABS PHILIPS-PCA9544ABS Datasheet
149Kb / 18P
   4-channel IC multiplexer with interrupt logic
2004 Sep 29
PCA9544ABS NXP-PCA9544ABS Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544ABS NXP-PCA9544ABS Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
More results

Similar Description - PCA9544ABS-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
   4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
   2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
[Old version datasheet]   4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
Nuvoton Technology Corp...
NCT5945Y NUVOTON-NCT5945Y Datasheet
1,017Kb / 29P
   4-channel I2C-bus switch with interrupt logic and reset
logo
NXP Semiconductors
PCA9545A NXP-PCA9545A Datasheet
160Kb / 28P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 07-19 June 2009
PCA9545A NXP-PCA9545A_V01 Datasheet
455Kb / 33P
   4-channel I2C-bus switch with interrupt logic and reset
Rev. 10 - 27 September 2022
logo
Texas Instruments
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
[Old version datasheet]   Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
logo
NXP Semiconductors
PCA9544A PHILIPS-PCA9544A Datasheet
149Kb / 18P
   4-channel IC multiplexer with interrupt logic
2004 Sep 29
PCA9544 PHILIPS-PCA9544 Datasheet
77Kb / 12P
   4-channel I2C multiplexer and interrupt controller
1999 Oct 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com