Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZB84-C3V0 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BZB84-C3V0
Description  Dual Zener diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZB84-C3V0 Datasheet(HTML) 5 Page - NXP Semiconductors

  BZB84-C3V0 Datasheet HTML 1Page - NXP Semiconductors BZB84-C3V0 Datasheet HTML 2Page - NXP Semiconductors BZB84-C3V0 Datasheet HTML 3Page - NXP Semiconductors BZB84-C3V0 Datasheet HTML 4Page - NXP Semiconductors BZB84-C3V0 Datasheet HTML 5Page - NXP Semiconductors BZB84-C3V0 Datasheet HTML 6Page - NXP Semiconductors BZB84-C3V0 Datasheet HTML 7Page - NXP Semiconductors BZB84-C3V0 Datasheet HTML 8Page - NXP Semiconductors BZB84-C3V0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BZB84_SER_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 9 June 2009
5 of 14
NXP Semiconductors
BZB84 series
Dual Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
Table 8.
Characteristics per type; BZB84-B2V4 to BZB84-B24
Tj =25 °C unless otherwise specified.
BZB84-
Bxxx
Working voltage
VZ (V)
Differential
resistance
rdif (Ω)
Reverse current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ =1mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V)
Min
Max
Max
Max
2V4
2.35
2.45
600
100
50
1
−3.5
0
450
6.0
2V7
2.65
2.75
600
100
20
1
−3.5
0
450
6.0
3V0
2.94
3.06
600
95
10
1
−3.5
0
450
6.0
3V3
3.23
3.37
600
95
5
1
−3.5
0
450
6.0
3V6
3.53
3.67
600
90
5
1
−3.5
0
450
6.0
3V9
3.82
3.98
600
90
3
1
−3.5
0
450
6.0
4V3
4.21
4.39
600
90
3
1
−3.5
0
450
6.0
4V7
4.61
4.79
500
80
3
2
−3.5
0.2
300
6.0
5V1
5.00
5.20
480
60
2
2
−2.7
1.2
300
6.0
5V6
5.49
5.71
400
40
1
2
−2.0
2.5
300
6.0
6V2
6.08
6.32
150
10
3
4
0.4
3.7
200
6.0
6V8
6.66
6.94
80
15
2
4
1.2
4.5
200
6.0
7V5
7.35
7.65
80
15
1
5
2.5
5.3
150
4.0
8V2
8.04
8.36
80
15
0.70
5
3.2
6.2
150
4.0
9V1
8.92
9.28
100
15
0.50
6
3.8
7.0
150
3.0
10
9.80
10.20
150
20
0.20
7
4.5
8.0
90
3.0
11
10.80
11.20
150
20
0.10
8
5.4
9.0
85
2.5
12
11.80
12.20
150
25
0.10
8
6.0
10.0
85
2.5
13
12.70
13.30
170
30
0.10
8
7.0
11.0
80
2.5
15
14.70
15.30
200
30
0.05
10.5
9.2
13.0
75
2.0
16
15.70
16.30
200
40
0.05
11.2
10.4
14.0
75
1.5
18
17.60
18.40
225
45
0.05
12.6
12.4
16.0
70
1.5
20
19.6
20.4
225
55
0.05
14.0
14.4
18.0
60
1.5
22
21.6
22.4
250
55
0.05
15.4
16.4
20.0
60
1.25
24
23.5
24.5
250
70
0.05
16.8
18.4
22.0
55
1.25


Similar Part No. - BZB84-C3V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZB84-C3V0 NXP-BZB84-C3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
BZB84-C3V0 NXP-BZB84-C3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
BZB84-C3V0 NXP-BZB84-C3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
BZB84-C3V0 PHILIPS-BZB84-C3V0 Datasheet
90Kb / 14P
   General-purpose Zener diodes in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic package
Rev. 03-9 June 2009
logo
Nexperia B.V. All right...
BZB84-C3V0 NEXPERIA-BZB84-C3V0 Datasheet
2Mb / 14P
   Dual Zener diodes
Rev. 03 - 9 June 2009
More results

Similar Description - BZB84-C3V0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZU30DB2 NXP-PZU30DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
PZU10DB2 NXP-PZU10DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
BZB84_SER NEXPERIA-BZB84_SER Datasheet
2Mb / 14P
   Dual Zener diodes
Rev. 03 - 9 June 2009
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
   DUAL ZENER DIODES
logo
Nexperia B.V. All right...
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com