Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR004YRTF9R1 Datasheet(PDF) 1 Page - Rohm

Part # MCR004YRTF9R1
Description  Thick Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR004YRTF9R1 Datasheet(HTML) 1 Page - Rohm

  MCR004YRTF9R1 Datasheet HTML 1Page - Rohm MCR004YRTF9R1 Datasheet HTML 2Page - Rohm MCR004YRTF9R1 Datasheet HTML 3Page - Rohm MCR004YRTF9R1 Datasheet HTML 4Page - Rohm MCR004YRTF9R1 Datasheet HTML 5Page - Rohm MCR004YRTF9R1 Datasheet HTML 6Page - Rohm MCR004YRTF9R1 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.D
Thick Film Chip Resistors
MCR Series < Automotive >
Features
1) Full line up from ultra small size (01005) to 2512 with jumper type.
2) High reliability metal glazed thick film.
3) ROHM resistors have obtained ISO9001/ISO/TS16949 certification.
4) "Automotive" product is AEC-Q200 compliant.
∗Please contact us for status of AEC-Q200 on "General purpose" products.
Part No.
Packing
Specification
Quantity / Reel
(mm)
Type Code
Size
GENERAL PURPOSE
Paper tape
(2mm pitch)
Paper tape
(2mm pitch)
Paper tape
(4mm pitch)
Embossed tape
(1mm pitch)
Embossed tape
(4mm pitch)
0402
0603
1005
1608
2012
3216
3225
5025
6432
01005
0201
0402
0603
0805
1206
YRT
RZP
YZP
15,000
40,000
15,000
10,000
Bulk case
50,000
5,000
Paper tape
(4mm pitch)
5,000
4,000
MRT
ERT
ERT
ERT
YZP
MZP
PZPI
(*For further information on datasheet,
please refer to AUTOMOTIVE datasheet.)
MZP : Paper tape
(2mm pitch)
PZPI : Bulk case
MZP : 10,000
PZPI : 25,000
MZP / PZPI
(*For further information on datasheet,
please refer to AUTOMOTIVE datasheet.)
EZP
EZP
EZP
1210
JZH
JZH
JZH
2010
2512
MCR004
MCR006
MCR01
MCR03
MCR10
MCR18
MCR25
MCR50
MCR100
(inch)
AUTOMOTIVE
∗Corresponds to
AEC
−Q200
Part Number Description
06
MCR
(Micro chip resistors)
0
YT
R
C
MR
Part No.
Resistance code, 3 or 4 digits.
000 denotes jumper type.
Ex.)
1
Ω = 1R0 ( ±5% )
9.1
Ω = 9R1 ( ±5% )
10
Ω = 10R0 ( ±0.5%,±1% )
100
(
±5% )
2.2M
Ω = 2204 ( ±1% )
225
(
±5% )
D,F
J
:
:
4 digits
3 digits
Resistance
tolerance
Resistance
code
004 (0402 [01005])
006 (0603 [0201])
01 (1005 [0402])
03 (1608 [0603])
10 (2012 [0805])
18 (3216 [1206])
25 (3225 [1210])
50 (5025 [2010])
100 (6432 [2512])
D (
±0.5% )
F (
±1% )
FX (
±1% ) ∗Only MCR03EZP/MZP/PZPI
J (
±5% ) (Including jumper type)
Size (mm [inch])
Resistance Tolerance
Nominal Resistance
J0
1
0
Type Code


Similar Part No. - MCR004YRTF9R1

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR004YRTF9R1 ROHM-MCR004YRTF9R1 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR004YRTF9R1 ROHM-MCR004YRTF9R1 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR004YRTF9R1 ROHM-MCR004YRTF9R1 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR004YRTF9R1 ROHM-MCR004YRTF9R1 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR004YRTF9R1 ROHM-MCR004YRTF9R1 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR004YRTF9R1

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com