Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBT3257A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CBT3257A
Description  Quad 1-of-2 multiplexer/demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBT3257A Datasheet(HTML) 2 Page - NXP Semiconductors

  CBT3257A Datasheet HTML 1Page - NXP Semiconductors CBT3257A Datasheet HTML 2Page - NXP Semiconductors CBT3257A Datasheet HTML 3Page - NXP Semiconductors CBT3257A Datasheet HTML 4Page - NXP Semiconductors CBT3257A Datasheet HTML 5Page - NXP Semiconductors CBT3257A Datasheet HTML 6Page - NXP Semiconductors CBT3257A Datasheet HTML 7Page - NXP Semiconductors CBT3257A Datasheet HTML 8Page - NXP Semiconductors CBT3257A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CBT3257A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 4 April 2013
2 of 17
NXP Semiconductors
CBT3257A
Quad 1-of-2 multiplexer/demultiplexer
3.
Ordering information
[1]
Also known as QSOP16.
4.
Functional diagram
Table 1.
Ordering information
Type number
Temperature range
Package
Name
Description
Version
CBT3257AD
40 Cto+85 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
CBT3257ADB
40 Cto+85 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
CBT3257ADS
40 Cto+85 C
SSOP16[1]
plastic shrink small outline package; 16 leads;
body width 3.9 mm; lead pitch 0.635 mm
SOT519-1
CBT3257APW
40 Cto+85 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
CBT3257ABQ
40 Cto+85 C
DHVQFN16
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
Fig 1.
Logic diagram
002aab779
1
15
OE
S
4
1A
1B1
2
1B2
3
7
2A
2B1
5
2B2
6
9
3A
3B1
11
3B2
10
12
4A
4B1
14
4B2
13


Similar Part No. - CBT3257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
CBT3257A-Q100 NEXPERIA-CBT3257A-Q100 Datasheet
191Kb / 10P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 1 - 28 November 2019
CBT3257ABQ NEXPERIA-CBT3257ABQ Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
NXP Semiconductors
CBT3257AD PHILIPS-CBT3257AD Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
More results

Similar Description - CBT3257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3257A PHILIPS-CBT3257A Datasheet
92Kb / 16P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 01-27 October 2005
logo
Nexperia B.V. All right...
CBT3257A NEXPERIA-CBT3257A Datasheet
256Kb / 13P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 9 - 29 July 2021
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74CBTLV3257-Q100 NEXPERIA-74CBTLV3257-Q100 Datasheet
298Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
logo
NXP Semiconductors
74CBTLV3257 PHILIPS-74CBTLV3257_15 Datasheet
174Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 4-16 December 2011
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257 PHILIPS-CBT3257 Datasheet
102Kb / 11P
   Quad 1-of-2 multiplexer/demultiplexer
2002 Dec 13
logo
Toshiba Semiconductor
TC7MB3257FK TOSHIBA-TC7MB3257FK_07 Datasheet
169Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com