Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR006EZHFSR047 Datasheet(PDF) 3 Page - Rohm

Part # MCR006EZHFSR047
Description  Low Ohmic Thick Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR006EZHFSR047 Datasheet(HTML) 3 Page - Rohm

  MCR006EZHFSR047 Datasheet HTML 1Page - Rohm MCR006EZHFSR047 Datasheet HTML 2Page - Rohm MCR006EZHFSR047 Datasheet HTML 3Page - Rohm MCR006EZHFSR047 Datasheet HTML 4Page - Rohm MCR006EZHFSR047 Datasheet HTML 5Page - Rohm MCR006EZHFSR047 Datasheet HTML 6Page - Rohm MCR006EZHFSR047 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.C
Data Sheet
MCR series - Low Ohmic - < General Purpose >
Chip Resistor Dimensions and Markings
<Marking method>
There are three or four digits used for the calculation number
according to IEC code and “R”is used for the decimal point.
LW
t
a
b
MCR006
YRT
0603
0.6
±0.03
0.3
±0.03
0.23
±0.03
0.15
±0.05
0.15
±0.05
No
MCR01
MRT
1005
1.0
±0.05
0.5
±0.05
0.35
±0.05
0.2
±0.1
No
MCR03
ERT
1608
1.6
±0.1
0.8
±0.1
0.45
±0.1
0.3
±0.2
0.3
±0.2
Yes
MCR10
EZH
2012
2.0
±0.1
1.25
±0.1
0.55
±0.1
0.4
±0.2
0.4
±0.2
Yes
MCR18
EZH
3216
3.2
±0.15
1.6
±0.15
0.55
±0.1
0.5
±0.25
0.5
±0.25
Yes
MCR25
JZH
3225
3.2
±0.15
2.5
±0.15
0.55
±0.15
0.5
±0.25
0.5
±0.25
Yes
MCR50
JZH
5025
5.0
±0.15
2.5
±0.15
0.55
±0.15
0.6
±0.25
0.6
±0.25
Yes
MCR100
JZH
6432
6.3
±0.15
3.2
±0.15
0.55
±0.15
0.6
±0.25
0.6
±0.25
Yes
0.25 +
0.05
−0.1
Marking
existence
(Unit : mm)
(mm)
Yes
Part No.
Type Code
(inch)
0201
0402
0603
0805
1206
1210
2010
2512
Marking method of MCR03
The description of markings on the chip resistor are as shown below.
① Marking method :
・For the resistance value contained in E96 series.
The nominal resistance is expressed in 3 digits.
The first 2 digits is
symbol to the resistance value and the last one is symbol to multipliers.
Example : 100k
= 01d
(01d
100×10
3 = 100,000= 100k)
Example : 3.01k
= 47b
(47b
301×10
1 = 3010= 3.01k)
・For the resistance value not contained in E96 series and contained
in E-24 series.
The marking is expressed by E-24 series in 3 digits and one short bar
under the last marking letter.
Example : 390
= 391
Land pattern Example
B
D
A
land
C
b
47Y
L
W
t
a
Symbol for E96 Series nominal resistance value
Symbol
E96
Symbol
E96
Symbol
E96
Symbol
E96
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
100
102
105
107
110
113
115
118
121
124
127
130
133
137
140
143
147
150
154
158
162
165
169
174
178
182
187
191
196
200
205
210
215
221
226
232
237
243
249
255
261
267
274
280
287
294
301
309
316
324
332
340
348
357
365
374
383
392
402
412
422
432
442
453
464
475
487
499
511
523
536
549
562
576
590
604
619
634
649
665
681
698
715
732
750
768
787
806
825
845
866
887
909
931
953
976
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
Symbol for multipliers
Symbol
A
b
C
d
E
F
X
Y
multipliers
100
101
102
103
104
105
10−1
10−2
A
MCR006
MCR01
MCR03
MCR10
MCR18
MCR25
MCR50
MCR100
YRT
MRT
ERT
EZH
EZH
JZH
JZH
JZH
0.3
0.5
1.0
1.2
2.2
2.2
3.8
5.1
B
0.84
1.3
2.0
2.6
4.0
4.0
6.0
8.1
C
0.3
0.5
0.8
1.15
1.5
2.3
2.3
3.0
D
0.27
0.4
0.5
0.7
0.9
0.9
1.1
1.5
Dimensions
Part No.
Type Code
(Unit : mm)


Similar Part No. - MCR006EZHFSR047

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR006EZHFSR047 ROHM-MCR006EZHFSR047 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
More results

Similar Description - MCR006EZHFSR047

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR03 ROHM-MCR03_2 Datasheet
70Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_11 Datasheet
132Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR18 ROHM-MCR18_3 Datasheet
75Kb / 5P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR100 ROHM-MCR100_11 Datasheet
175Kb / 4P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com