Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA312B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BTA312B
Description  12 A Three-quadrant triacs high commutation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA312B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BTA312B Datasheet HTML 4Page - NXP Semiconductors BTA312B Datasheet HTML 5Page - NXP Semiconductors BTA312B Datasheet HTML 6Page - NXP Semiconductors BTA312B Datasheet HTML 7Page - NXP Semiconductors BTA312B Datasheet HTML 8Page - NXP Semiconductors BTA312B Datasheet HTML 9Page - NXP Semiconductors BTA312B Datasheet HTML 10Page - NXP Semiconductors BTA312B Datasheet HTML 11Page - NXP Semiconductors BTA312B Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
BTA312B_SER_D_E_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 26 April 2007
8 of 12
NXP Semiconductors
BTA312B series D and E
12 A Three-quadrant triacs high commutation
Vo = 1.127 V
Rs = 0.027 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig 9.
On-state current as a function of on-state
voltage
Fig 10. Normalized latching current as a function of
junction temperature
Fig 11. Normalized holding current as a function of junction temperature
003aab678
0
10
20
30
40
00.5
11.5
22.5
VT (V)
IT
(A)
(1)
(2)
(3)
Tj (°C)
−50
150
100
050
001aab100
1
2
3
0
IL
IL(25°C)
Tj (°C)
−50
150
100
050
001aab099
1
2
3
0
IH
IH(25°C)


Similar Part No. - BTA312B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312B NXP-BTA312B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
BTA312B NXP-BTA312B Datasheet
87Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01-11 April 2007
BTA312B-600B NXP-BTA312B-600B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
logo
WeEn Semiconductors
BTA312B-600B WEEN-BTA312B-600B Datasheet
291Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA312B-600C NXP-BTA312B-600C Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
More results

Similar Description - BTA312B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312-800B PHILIPS-BTA312-800B Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-13 March 2007
BTA312X NXP-BTA312X Datasheet
86Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 11 April 2007
BTA312B NXP-BTA312B Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01 - 12 April 2007
BTA312X-800C NXP-BTA312X-800C Datasheet
95Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 02-17 December 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA312Y NXP-BTA312Y Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation insulated
Rev. 01-27 September 2007
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com