Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS84AK Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BSS84AK
Description  50 V, 180 mA P-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BSS84AK Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BSS84AK Datasheet HTML 7Page - NXP Semiconductors BSS84AK Datasheet HTML 8Page - NXP Semiconductors BSS84AK Datasheet HTML 9Page - NXP Semiconductors BSS84AK Datasheet HTML 10Page - NXP Semiconductors BSS84AK Datasheet HTML 11Page - NXP Semiconductors BSS84AK Datasheet HTML 12Page - NXP Semiconductors BSS84AK Datasheet HTML 13Page - NXP Semiconductors BSS84AK Datasheet HTML 14Page - NXP Semiconductors BSS84AK Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
BSS84AK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 23 May 2011
11 of 16
NXP Semiconductors
BSS84AK
50 V, 180 mA P-channel Trench MOSFET
9.
Package outline
Fig 18. Package outline SOT23 (TO-236AB)
UNIT
A1
max.
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-04
06-03-16
IEC
JEDEC
JEITA
mm
0.1
0.48
0.38
0.15
0.09
3.0
2.8
1.4
1.2
0.95
e
1.9
2.5
2.1
0.55
0.45
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT23
TO-236AB
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.1
0.9
c
X
12
3
Plastic surface-mounted package; 3 leads
SOT23


Similar Part No. - BSS84AK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSS84AK NEXPERIA-BSS84AK Datasheet
1Mb / 16P
   50 V, 180 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
BSS84AKM NEXPERIA-BSS84AKM Datasheet
1Mb / 16P
   50 V, 230 mA P-channel Trench MOSFET
BSS84AKMB NEXPERIA-BSS84AKMB Datasheet
1Mb / 16P
   50 V, single P-channel Trench MOSFET
logo
NXP Semiconductors
BSS84AKMB PHILIPS-BSS84AKMB_15 Datasheet
1Mb / 15P
   50 V, single P-channel Trench MOSFET
Rev. 1-6 June 2012
BSS84AKM PHILIPS-BSS84AKM_15 Datasheet
859Kb / 16P
   50 V, 230 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
More results

Similar Description - BSS84AK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSS84AK PHILIPS-BSS84AK_15 Datasheet
872Kb / 16P
   50 V, 180 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
BSS84AK NEXPERIA-BSS84AK Datasheet
1Mb / 16P
   50 V, 180 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
logo
NXP Semiconductors
BSS84AKW NXP-BSS84AKW Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
logo
Nexperia B.V. All right...
BSS84AKM NEXPERIA-BSS84AKM Datasheet
1Mb / 16P
   50 V, 230 mA P-channel Trench MOSFET
BSS84AKT NEXPERIA-BSS84AKT Datasheet
983Kb / 17P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
BSS84AKW NEXPERIA-BSS84AKW Datasheet
1Mb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1 - 23 May 2011
logo
NXP Semiconductors
BSS84AKW PHILIPS-BSS84AKW Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
BSS84AKT PHILIPS-BSS84AKT Datasheet
870Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
BSS84AKM PHILIPS-BSS84AKM_15 Datasheet
859Kb / 16P
   50 V, 230 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
BSS84AKW PHILIPS-BSS84AKW_15 Datasheet
874Kb / 16P
   50 V, 150 mA P-channel Trench MOSFET
Rev. 1-23 May 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com