Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC821A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC821A
Description  10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC821A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC821A Datasheet HTML 4Page - NXP Semiconductors 74LVC821A Datasheet HTML 5Page - NXP Semiconductors 74LVC821A Datasheet HTML 6Page - NXP Semiconductors 74LVC821A Datasheet HTML 7Page - NXP Semiconductors 74LVC821A Datasheet HTML 8Page - NXP Semiconductors 74LVC821A Datasheet HTML 9Page - NXP Semiconductors 74LVC821A Datasheet HTML 10Page - NXP Semiconductors 74LVC821A Datasheet HTML 11Page - NXP Semiconductors 74LVC821A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
74LVC821A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 23 November 2012
8 of 20
NXP Semiconductors
74LVC821A
10-bit D-type flip-flop; 5 V tolerance; positive-edge trigger; 3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
10. Dynamic characteristics
IOZ
OFF-state
output
current
VI =VIH or VIL; VCC = 3.6 V;
VO =5.5 V orGND;
-0.1
5-
20
A
IOFF
power-off
leakage
current
VCC = 0 V; VI or VO = 5.5 V
-
0.1
10
-
20
A
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-0.1
10
-40
A
I
CC
additional
supply
current
per input pin;
VCC = 2.7 V to 3.6 V;
VI =VCC  0.6 V; IO =0A
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-
5.0
--
-pF
Table 6.
Static characteristics ...continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 10.
Symbol Parameter
Conditions
Tamb = 40 C to +85 C 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
CP to Qn; see Figure 7
[2]
VCC = 1.2 V
-
18
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.4
8.6
17.1
2.3
19.7
ns
VCC = 2.3 V to 2.7 V
1.8
4.5
8.8
1.6
10.1
ns
VCC = 2.7 V
1.5
4.1
8.5
2.2
11.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.8
7.3
2.0
9.5
ns
ten
enable time
OE to Qn; see Figure 9
[2]
VCC = 1.2 V
-
20
-
-
-
ns
VCC = 1.65 V
1.8
7.7
17.4
1.6
20.1
ns
VCC = 2.3 V to 2.7 V
1.5
4.3
9.6
1.3
11.0
ns
VCC = 2.7 V
1.3
4.4
8.8
2.4
11.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.5
7.6
1.5
9.5
ns
tdis
disable time
OE to Qn; see Figure 9
[2]
VCC = 1.2 V
-
9.0
-
-
-
ns
VCC = 1.65 V
2.5
4.4
10.4
1.8
12.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
5.9
0.6
6.8
ns
VCC = 2.7 V
1.5
3.3
6.8
2.2
8.5
ns
VCC = 3.0 V to 3.6 V
1.5
3.0
6.2
1.9
8.0
ns


Similar Part No. - 74LVC821A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC821A PHILIPS-74LVC821A Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
logo
List of Unclassifed Man...
74LVC821ABQ ETC2-74LVC821ABQ Datasheet
123Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
logo
NXP Semiconductors
74LVC821AD PHILIPS-74LVC821AD Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
logo
List of Unclassifed Man...
74LVC821AD ETC2-74LVC821AD Datasheet
123Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
logo
NXP Semiconductors
74LVC821ADB PHILIPS-74LVC821ADB Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
More results

Similar Description - 74LVC821A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74LVC821ABQ ETC2-74LVC821ABQ Datasheet
123Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
logo
NXP Semiconductors
74LVC821A PHILIPS-74LVC821A Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
logo
Nexperia B.V. All right...
74LVC823A NEXPERIA-74LVC823A Datasheet
288Kb / 18P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
74LVC823A-Q100 NEXPERIA-74LVC823A-Q100 Datasheet
239Kb / 16P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC574A NEXPERIA-74LVC574A Datasheet
271Kb / 15P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
logo
NXP Semiconductors
74LVC574ABQ PHILIPS-74LVC574ABQ Datasheet
142Kb / 19P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
Rev. 5-18 December 2012
logo
Nexperia B.V. All right...
74LVC374A-Q100 NEXPERIA-74LVC374A-Q100 Datasheet
805Kb / 18P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC823A PHILIPS-74LVC823A Datasheet
106Kb / 12P
   9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 24
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com