Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR10YRTD1R0 Datasheet(PDF) 4 Page - Rohm

Part # MCR10YRTD1R0
Description  Thick Film Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR10YRTD1R0 Datasheet(HTML) 4 Page - Rohm

  MCR10YRTD1R0 Datasheet HTML 1Page - Rohm MCR10YRTD1R0 Datasheet HTML 2Page - Rohm MCR10YRTD1R0 Datasheet HTML 3Page - Rohm MCR10YRTD1R0 Datasheet HTML 4Page - Rohm MCR10YRTD1R0 Datasheet HTML 5Page - Rohm MCR10YRTD1R0 Datasheet HTML 6Page - Rohm MCR10YRTD1R0 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/6
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.09 - Rev.C
Data Sheet
MCR series < Automotive >
Derating Curve
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curves below.
0
20
40
60
80
100
−55
0
70
100
125
AMBIENT TEMPERATURE (°C)
MCR006 / 100
Characteristics
Test Items
Test Conditions
Resistor Type
Guaranteed Value
Jumper Type
Resistance
Variation of resistance
with temperature
Solderability
Damp heat, steady state
Endurance at 70°C
Endurance
Rapid change of
temperature
Bend strength of
the end face plating
Resistance to solvent
Resistance to
soldering heat
Overload
± (2.0%+0.1Ω)
Max. 50mΩ
± (1.0%+0.05Ω)
± (3.0%+0.1Ω)
Max. 50mΩ
Max. 100mΩ
See "Products List"
See "Products List"
20°C
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
Without mechanical damage such as breaks.
Compliance Standard(s) : IEC60115−8
JISC 5201−8
Measurement : +20 / −55 / +20 / +125°C
Soldering condition : 260±5°C
Duration of immersion : 10±1s
40°C, 93%RH (Relative Humidity)
Test time : 1,000h to 1,048h
± (3.0%+0.1Ω)
± (3.0%+0.1Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
Max. 100mΩ
Max. 100mΩ
Max. 50mΩ
Max. 50mΩ
Max. 50mΩ
70°C
Rated voltage (current)
1.5h : ON − 0.5h : OFF
Test time : 1,000h to 1,048h
125°C (MCR006 / 25 / 50 / 100)
155°C (MCR01 / 03 / 10 / 18)
Test time : 1,000h to 1,048h
23±5°C, Immersion cleaning, 5±0.5min
Solvent : 2−propanol
Test temp.
−55°C to +125°C 100cycle (MCR006 / 01 / 03)
−55°C to +125°C 5cycle (MCR10 / 18 / 25 / 50 / 100)
Rosin·Ethanol : 25% (Weight)
Soldering condition : 235±5°C
Duration of immersion : 2.0±0.5s
Rated voltage (current) ×2.5, 2s.
Maximum overload voltage
Technical data
Parameter
Unit
MCR006
YZP
MCR01
MZP / PZPI
MCR03
EZP / MZP / PZPI
MCR10
EZP
MCR18
EZP
MCR25
JZH
MCR50
JZH
MCR100
JZH
MΩ
Fit
mg/pc
1000
1000
1000
1000
0.0016
0.157
0.0002
0.70
0.0009
2.12
0.0015
5.03
1000
0.0018
9.46
1000
0.0203
16.5
1000
0.0201
25.8
1000
0.0586
42.0
Insulation
resistance
Failure rate
Weight
MCR01 / 03 / 10 / 18 / 25 / 50
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERATURE (°C)


Similar Part No. - MCR10YRTD1R0

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR10YRTD1R0 ROHM-MCR10YRTD1R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10YRTD1R0 ROHM-MCR10YRTD1R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10YRTD1R0 ROHM-MCR10YRTD1R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR10YRTD1R0 ROHM-MCR10YRTD1R0 Datasheet
186Kb / 12P
   Thick Film Chip Resistors
MCR10YRTD1R0 ROHM-MCR10YRTD1R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
More results

Similar Description - MCR10YRTD1R0

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com