Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2R-2-H Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G2R-2-H
Description  1General purpose power Relays of single-pole10 A and double-pole 5 A.
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R-2-H Datasheet(HTML) 2 Page - Omron Electronics LLC

  G2R-2-H Datasheet HTML 1Page - Omron Electronics LLC G2R-2-H Datasheet HTML 2Page - Omron Electronics LLC G2R-2-H Datasheet HTML 3Page - Omron Electronics LLC G2R-2-H Datasheet HTML 4Page - Omron Electronics LLC G2R-2-H Datasheet HTML 5Page - Omron Electronics LLC G2R-2-H Datasheet HTML 6Page - Omron Electronics LLC G2R-2-H Datasheet HTML 7Page - Omron Electronics LLC G2R-2-H Datasheet HTML 8Page - Omron Electronics LLC G2R-2-H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
G2R
PCB Power Relay
G
2
R
■Ordering Information
● PCB Terminal Models
Note: When ordering, add the rated coil voltage to the model number.
Example: G2R-1A 12 VAC
Number of poles
1-pole
2-pole
Classification
Enclosure rating
Contact form
Model
Rated coil voltage
Model
Rated coil voltage
General-purpose
Flux protection
NO
G2R-1A
12, 24, 100/(110) VAC
G2R-2A
12, 24, 100/(110) VAC
200/(220) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
5, 6, 12, 24, 48 VDC
100 VDC
100 VDC
NO/NC
G2R-1
12, 24, 100/(110) VAC
G2R-2
12, 24, 100/(110) VAC
200/(220) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
5, 6, 12, 24, 48 VDC
100 VDC
100 VDC
Fully sealed
NO
G2R-1A4
12, 24, 100/(110) VAC
G2R-2A4
12, 24, 100/(110) VAC
200/(220) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
5, 6, 12, 24, 48 VDC
100 VDC
100 VDC
NO/NC
G2R-14
12, 24, 100/(110) VAC
G2R-24
12, 24, 100/(110) VAC
200/(220) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
5, 6, 12, 24, 48 VDC
100 VDC
100 VDC
High-sensitivity
Flux protection
NO
G2R-1A-H
5, 6, 12, 24, 48 VDC
G2R-2A-H
5, 6, 12, 24, 48 VDC
NO/NC
G2R-1-H
5, 6, 12, 24, 48 VDC
G2R-2-H
5, 6, 12, 24, 48 VDC
Double-winding
latching
NO
G2RK-1A
5, 6, 12, 24 VDC
G2RK-2A
5, 12, 24 VDC
NO/NC
G2RK-1
5, 6, 12, 24 VDC
G2RK-2
5, 6, 12, 24 VDC
Bifurcated
contact
Flux protection
NO
G2R-1AZ
12, 24, 48 VDC
100 VDC
NO/NC
G2R-1Z
5, 6, 12, 24, 48 VDC
100 VDC
Fully sealed
NO
G2R-1AZ4
5, 12, 24, 48 VDC
100 VDC
NO/NC
G2R-1Z4
5, 12, 24, 48 VDC
100 VDC
High-capacity
Flux protection
NO
G2R-1A-E
12, 24, 100/(110) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
100 VDC
NO/NC
G2R-1-E
12, 24, 100/(110) VAC
200/(220) VAC
5, 6, 12, 24, 48 VDC
100 VDC
Rated coil voltage


Similar Part No. - G2R-2-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-2-H OMRON-G2R-2-H Datasheet
1Mb / 19P
   PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-2-H OMRON-G2R-2-H Datasheet
562Kb / 14P
   Power PCB Relay
G2R-2-H OMRON-G2R-2-H Datasheet
1Mb / 15P
   A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2R-2-H OMRON-G2R-2-H Datasheet
656Kb / 12P
   Creepage distance of 8.0 mm min. between coil and con tact.
G2R-2-H OMRON-G2R-2-H Datasheet
656Kb / 12P
   Power PCB Relay
More results

Similar Description - G2R-2-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1-E-DC5 OMRON-G2R-1-E-DC5 Datasheet
2Mb / 14P
   1General purpose power Relays of single-pole10 A and double-pole 5 A.
logo
Honeywell Solid State E...
CO-78498 HONEYWELL-CO-78498 Datasheet
210Kb / 4P
   SINGLE POLE AND DOUBLE POLE
logo
ZF Friedrichshafen AG
D413-R1AA-G2 ZFSWITCHES-D413-R1AA-G2 Datasheet
306Kb / 2P
   Single and Double Pole
logo
Omron Electronics LLC
G3NA240BDC524 OMRON-G3NA240BDC524 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
G5LE-14-DC24 OMRON-G5LE-14-DC24 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G3NA225BAC100120 OMRON-G3NA225BAC100120 Datasheet
1Mb / 18P
   Wide Lineup of General-purpose Solid State Relays with Applicable Loads of 5 to 90 A
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
   16-Channel, 5 A SPST (Form A) Relays
logo
Cherry Semiconductor Co...
E1901A CHERRY-E1901A Datasheet
158Kb / 3P
   GENERAL PURPOSE ??SINGLE & DOUBLE POLE ESeries
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com