Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP73834-BZI Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP73834-BZI
Description  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73834-BZI Datasheet(HTML) 3 Page - Microchip Technology

  MCP73834-BZI Datasheet HTML 1Page - Microchip Technology MCP73834-BZI Datasheet HTML 2Page - Microchip Technology MCP73834-BZI Datasheet HTML 3Page - Microchip Technology MCP73834-BZI Datasheet HTML 4Page - Microchip Technology MCP73834-BZI Datasheet HTML 5Page - Microchip Technology MCP73834-BZI Datasheet HTML 6Page - Microchip Technology MCP73834-BZI Datasheet HTML 7Page - Microchip Technology MCP73834-BZI Datasheet HTML 8Page - Microchip Technology MCP73834-BZI Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2006 Microchip Technology Inc.
DS22005A-page 3
MCP73833/4
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings
VDD........................................................................7.0V
All Inputs and Outputs w.r.t. VSS .....-0.3 to (VDD+0.3)V
Maximum Junction Temperature, TJ . Internally Limited
Storage temperature .......................... -65°C to +150°C
ESD protection on all pins:
Human Body Model (HBM)
(1.5 k
Ω in Series with 100 pF)............................... ≥ 4kV
Machine Model (MM)
(200 pF, No Series Resistance) ........................... 300V
*Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits apply for VDD= [VREG(Typ)+0.3V] to 6V, TA=-40°C to 85°C.
Typical values are at +25°C, VDD= [VREG(Typ)+1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Input
Supply Voltage
VDD
3.75
6
V
Charging
VREG(Typ)
+0.3V
6
V
Charge Complete, Standby
Supply Current
ISS
2000
3000
µA
Charging
150
300
µA
Charge Complete
100
300
µA
Standby (No Battery or PROG
Floating)
50
100
µA
Shutdown (VDD < VBAT, or
VDD < VSTOP)
UVLO Start Threshold
VSTART
3.4
3.55
3.7
V
VDD Low to High
UVLO Stop Threshold
VSTOP
3.3
3.45
3.6
V
VDD High to Low
UVLO Hysteresis
VHYS
100
mV
Voltage Regulation (Constant Voltage Mode, System Test Mode)
Regulated Output Voltage
VREG
4.168
4.20
4.232
V
VDD=[VREG(Typ)+1V]
4.318
4.35
4.382
V
IOUT=10 mA
4.367
4.40
4.433
V
TA=-5°C to +55°C
4.467
4.50
4.533
V
Line Regulation
|(ΔVBAT/VBAT)
/
ΔVDD|
0.10
0.30
%/V
VDD=[VREG(Typ)+1V] to 6V
IOUT=10 mA
Load Regulation
|ΔVBAT/ VBAT|
0.10
0.30
%
IOUT=10 mA to 100 mA
VDD=[VREG(Typ)+1V]
Supply Ripple Attenuation
PSRR
58
dB
IOUT=10 mA, 10Hz to 1 kHz
—47
dB
IOUT=10 mA, 10Hz to 10 kHz
—25
dB
IOUT=10 mA, 10Hz to 1 MHz
Current Regulation (Fast Charge Constant Current Mode)
Fast Charge Current Regulation
IREG
90
100
110
mA
PROG = 10 k
Ω
900
1000
1100
mA
PROG = 1.0 k
Ω
TA=-5°C to +55°C
Maximum Output Current Limit
IMAX
1200
mA
PROG < 833
Ω


Similar Part No. - MCP73834-BZI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73834-BZI/MF MICROCHIP-MCP73834-BZI/MF Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
More results

Similar Description - MCP73834-BZI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
   Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
   Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
   Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
   Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837 MICROCHIP-MCP73837 Datasheet
842Kb / 30P
   Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73853 MICROCHIP-MCP73853 Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com