Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP73855T Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP73855T
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73855T Datasheet(HTML) 5 Page - Microchip Technology

  MCP73855T Datasheet HTML 1Page - Microchip Technology MCP73855T Datasheet HTML 2Page - Microchip Technology MCP73855T Datasheet HTML 3Page - Microchip Technology MCP73855T Datasheet HTML 4Page - Microchip Technology MCP73855T Datasheet HTML 5Page - Microchip Technology MCP73855T Datasheet HTML 6Page - Microchip Technology MCP73855T Datasheet HTML 7Page - Microchip Technology MCP73855T Datasheet HTML 8Page - Microchip Technology MCP73855T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2004 Microchip Technology Inc.
DS21915A-page 5
MCP73853/55
TEMPERATURE SPECIFICATIONS
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (Typ) + 0.3V] to 5.5V,
TA = -40°C to 85°C. Typical values are at +25°C, VDD = [VREG (Typ) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
UVLO Start Delay
tSTART
——
5
ms
VDD Low-to-High
Current Regulation
Transition Time Out of
Preconditioning
tDELAY
——
1
ms
VBAT < VPTH to VBAT > VPTH
Current Rise Time Out of
Preconditioning
tRISE
——
1
ms
IOUT Rising to 90% of IREG
Fast Charge Safety Timer
Period
tFAST
1.1
1.5
1.9
Hours
CTIMER = 0.1 µF
Preconditioning Current Regulation
Preconditioning Charge
Safety Timer Period
tPRECON
45
60
75
Minutes CTIMER = 0.1 µF
Charge Termination
Elapsed Time Termination
Period
tTERM
2.2
3
3.8
Hours
CTIMER = 0.1 µF
Status Indicators
Status Output turn-off
tOFF
200
µs
ISINK = 1 mA to 0 mA
Status Output turn-on
tON
200
µs
ISINK = 0 mA to 1 mA
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD = [VREG (Typ) + 0.3V] to 5.5.
Typical values are at +25°C, VDD = [VREG (Typ) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+85
°C
Operating Temperature Range
TJ
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 16-L, 4mm x 4mm QFN
θ
JA
—37
°C/W
4-Layer JC51-7
Standard Board,
Natural Convection
Thermal Resistance, 10-L, 3mm x 3mm DFN
θ
JA
—51
°C/W
4-Layer JC51-7
Standard Board,
Natural Convection


Similar Part No. - MCP73855T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73855T MICROCHIP-MCP73855T Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73855TIMF MICROCHIP-MCP73855TIMF Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73855TIML MICROCHIP-MCP73855TIML Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
More results

Similar Description - MCP73855T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853 Datasheet
362Kb / 24P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
   USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
   Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73830 MICROCHIP-MCP73830_V01 Datasheet
1Mb / 24P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
MCP73830 MICROCHIP-MCP73830 Datasheet
516Kb / 22P
   Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
03/25/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com