Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCX2220GF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NCX2220GF
Description  Low voltage comparator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NCX2220GF Datasheet(HTML) 5 Page - NXP Semiconductors

  NCX2220GF Datasheet HTML 1Page - NXP Semiconductors NCX2220GF Datasheet HTML 2Page - NXP Semiconductors NCX2220GF Datasheet HTML 3Page - NXP Semiconductors NCX2220GF Datasheet HTML 4Page - NXP Semiconductors NCX2220GF Datasheet HTML 5Page - NXP Semiconductors NCX2220GF Datasheet HTML 6Page - NXP Semiconductors NCX2220GF Datasheet HTML 7Page - NXP Semiconductors NCX2220GF Datasheet HTML 8Page - NXP Semiconductors NCX2220GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
NCX2220
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 27 June 2012
5 of 20
NXP Semiconductors
NCX2220
Low voltage comparator
10. Static characteristics
[1]
Differential input switching level is guaranteed at the minimum or maximum offset voltage, minus or plus half the maximum hysteresis
voltage.
11. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL.
[2]
Input signal: 1 kHz, squarewave signal with 10 ns edge rate.
Table 6.
Static characteristics
At recommended operating conditions. VCC = 1.6 V to 5.5 V, VEE = 0 V; VCM = 0.5VCC unless otherwise specified.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C Unit
Min
Typ
Max
Min
Max
VH
hysteresis voltage
6
9
13
-
-
mV
VCC =1.3 V
-
20
-
-
-
mV
VI(offset)
offset input voltage
[1]
−30
0.5
+30
−30
+30
mV
VCC =1.3 V
[1]
-3
-
-
-
mV
VOH
HIGH-level output
voltage
IO =
−0.5 mA; VCC = 1.3 V
-
1.24
-
-
-
V
IO =
−0.5 mA; VCC = 1.6 V
-
1.55
-
1.35
-
V
IO =
−3mA; VCC = 3.0 V
-
2.85
-
2.7
-
V
IO =
−5mA; VCC = 5.5 V
-
5.33
-
5.2
-
V
VOL
LOW-level output
voltage
IO =0.5 mA; VCC = 1.3 V
-
0.05
-
-
-
V
IO =0.5 mA; VCC = 1.6 V
-
0.04
-
-
0.25
V
IO =3 mA; VCC = 3.0 V
-
0.14
-
-
0.3
V
IO =5 mA; VCC = 5.5 V
-
0.20
-
-
0.3
V
VCM
common-mode
voltage
VCC = 1.3 V to 5.5 V
-
VEE to VCC
--
-
V
IOS
output short-circuit
current
VCC = 5.5 V; VO =VEE or VCC
-68
-
-
-
mA
CMRR
common-mode
rejection ratio
ΔVCM = VCC
-70
-
-
-
dB
PSRR
power supply
rejection ratio
ΔVCC = 1.95 V
45
80
-
-
-
dB
IIB
input bias current
-
1.0
-
-
-
pA
ICC
supply current
per comparator
-
5.0
-
-
7.0
μA
Table 7.
Dynamic characteristics
Voltages are referenced to VEE (VEE = 0 V);VCC = 1.6 V to 5.5 V; VCM = 0.5VCC unless otherwise specified.
Symbol Parameter
Conditions
25
°C
Unit
Min
Typ
Max
tpd
propagation delay
20 mV overdrive; CL =15pF
[1]
-0.8
-
μs
tTHL
HIGH to LOW output
transition time
VCC = 5.5 V; CL = 50 pF
[2]
-10-
ns
tTLH
LOW to HIGH output
transition time
VCC = 5.5 V; CL = 50 pF
[2]
-10-
ns


Similar Part No. - NCX2220GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2220GF NXP-NCX2220GF Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
More results

Similar Description - NCX2220GF

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM742B ELM-TECH-ELM742B Datasheet
60Kb / 3P
   Low voltage comparator
logo
NXP Semiconductors
NCX2220 PHILIPS-NCX2220_15 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
Shenzhen Huazhimei Semi...
LMV331 HMSEMI-LMV331 Datasheet
1Mb / 6P
   Low Voltage Comparator
logo
Fairchild Semiconductor
FAN156 FAIRCHILD-FAN156 Datasheet
733Kb / 9P
   Low Voltage Comparator
logo
NXP Semiconductors
NCX2220 NXP-NCX2220 Datasheet
1Mb / 20P
   Low voltage comparator
Rev. 4-27 June 2012
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_09 Datasheet
137Kb / 10P
   Low Voltage Comparator
October, 2009 ??Rev. 1
logo
NXP Semiconductors
NCX2200 PHILIPS-NCX2200_15 Datasheet
1Mb / 18P
   Low voltage comparator
Rev. 6-9 July 2014
logo
ON Semiconductor
NCS2220A ONSEMI-NCS2220A_13 Datasheet
117Kb / 9P
   Low Voltage Comparator
April, 2013 ??Rev. 2
NCS2220A ONSEMI-NCS2220A Datasheet
69Kb / 10P
   Low Voltage Comparator
September, 2006 ??Rev. 0
FAN156 ONSEMI-FAN156 Datasheet
268Kb / 9P
   Low Voltage Comparator
November-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com