Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MY5602 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MY5602
Description  Size 11 Mini Hybrid Stepper Motors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MY5602 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MY5602 Datasheet HTML 1Page - List of Unclassifed Manufacturers MY5602 Datasheet HTML 2Page - List of Unclassifed Manufacturers MY5602 Datasheet HTML 3Page - List of Unclassifed Manufacturers MY5602 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Size 14 Mini Hybrid Stepper Motor
(with connector block)
0
1
2
3
4
5
6
7
8
9
10
100
1000
10000
100000
pps
MY4001 Pull Out
Pull In
High accuracy
Low noise
Low inertia
General Specifications
Step Accuracy:
Maximum angular deviation is
±5% of one step
Radial Play:
Maximum 0.02mm at 450g
End Play:
Maximum 0.08mm at 450g
Insulation Resistance: Minimum 100MΩ at 500V dc
Insulation Class:
B
Temperature Rise:
Maximum 80°C
Step
Angle
Holding
Torque
No. of
Leads
Phase
Current
Phase
Resistance
Phase
Inductance
Rotor
Inertia
Detent
Torque
Mass
Body
Length (L)
Model
Deg
N-cm
A
mH
g-cm2
g-cm
g
mm
MY4001
1.8
11
4
0.75
5.7
7
14
120
180
34
Dimensions (mm)
Astrosyn International Technology Ltd, The Old Courthouse, New Rd Ave, Chatham, Kent ME4 6BE, England
Tel: +44(0)1634 815175
Fax: +44(0)1634 826552


Similar Part No. - MY5602

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MY50 MACOM-MY50 Datasheet
380Kb / 3P
   Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
MY50 MA-COM-MY50 Datasheet
123Kb / 3P
   Triple-Balanced Mixer
MY50 MA-COM-MY50 Datasheet
123Kb / 3P
   Triple-Balanced Mixer
logo
Tyco Electronics
MY50A MACOM-MY50A Datasheet
395Kb / 3P
   Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
MY50A MA-COM-MY50A Datasheet
132Kb / 3P
   Triple-Balanced Mixer
More results

Similar Description - MY5602

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC4361 TRINAMIC-TMC4361 Datasheet
2Mb / 117P
   stepper motors
logo
List of Unclassifed Man...
HY20022200100AX08 ETC-HY20022200100AX08 Datasheet
4Mb / 32P
   Stepper Motors
logo
TRINAMIC Motion Control...
QSH-5718 TRINAMIC-QSH-5718_11 Datasheet
400Kb / 15P
   QMOT STEPPER MOTORS
QSH-4218 TRINAMIC-QSH-4218 Datasheet
466Kb / 13P
   QMOT STEPPER MOTORS
QSH-8618 TRINAMIC-QSH-8618 Datasheet
489Kb / 18P
   QMOT STEPPER MOTORS
QSH-6018 TRINAMIC-QSH-6018 Datasheet
532Kb / 14P
   QMOT STEPPER MOTORS
logo
List of Unclassifed Man...
35BYG002 ETC-35BYG002 Datasheet
182Kb / 1P
   HB Stepper Motors
logo
TRINAMIC Motion Control...
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
   MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com