Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6292 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6292
Description  1.0 mA, 10 MHz Rail-to-Rail Op Amp
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6292 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6292 Datasheet HTML 1Page - Microchip Technology MCP6292 Datasheet HTML 2Page - Microchip Technology MCP6292 Datasheet HTML 3Page - Microchip Technology MCP6292 Datasheet HTML 4Page - Microchip Technology MCP6292 Datasheet HTML 5Page - Microchip Technology MCP6292 Datasheet HTML 6Page - Microchip Technology MCP6292 Datasheet HTML 7Page - Microchip Technology MCP6292 Datasheet HTML 8Page - Microchip Technology MCP6292 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MCP6291/1R/2/3/4/5
DS21812E-page 4
© 2007 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
FIGURE 1-1:
Timing Diagram for the
Chip Select (CS) pin on the MCP6293 and
MCP6295.
1.1
Test Circuits
The test circuits used for the DC and AC tests are
shown in Figure 1-2 and Figure 1-2. The bypass
capacitors are laid out according to the rules discussed
in
Section 4.6 “Supply Bypass”.
FIGURE 1-2:
AC and DC Test Circuit for
Most Non-Inverting Gain Conditions.
FIGURE 1-3:
AC and DC Test Circuit for
Most Inverting Gain Conditions.
Electrical Characteristics: Unless otherwise indicated, V
DD = +2.4V to +5.5V and VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
-40
+125
°C
Note
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT-23
θ
JA
256
°C/W
Thermal Resistance, 6L-SOT-23
θ
JA
230
°C/W
Thermal Resistance, 8L-PDIP
θ
JA
—85
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
163
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
206
°C/W
Thermal Resistance, 14L-PDIP
θ
JA
70
°C/W
Thermal Resistance, 14L-SOIC
θ
JA
120
°C/W
Thermal Resistance, 14L-TSSOP
θ
JA
100
°C/W
Note:
The Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C.
VIL
Hi-Z
tON
VIH
CS
tOFF
VOUT
-0.7 µA
Hi-Z
ISS
ICS
0.7 µA
0.7 µA
-0.7 µA
-1.0 mA
10 nA
(typical)
(typical)
(typical)
(typical)
(typical)
(typical)
VDD
MCP629X
RG
RF
RN
VOUT
VIN
VDD/2
1µF
CL
RL
VL
0.1 µF
VDD
MCP629X
RG
RF
RN
VOUT
VDD/2
VIN
1µF
CL
RL
VL
0.1 µF


Similar Part No. - MCP6292

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6292 MICROCHIP-MCP6292 Datasheet
589Kb / 32P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6292 MICROCHIP-MCP6292 Datasheet
689Kb / 36P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
logo
Texas Instruments
MCP6292 TI1-MCP6292 Datasheet
1Mb / 25P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6292 TI1-MCP6292 Datasheet
1Mb / 28P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
MCP6292 TI1-MCP6292 Datasheet
1Mb / 32P
[Old version datasheet]   10-MHz, Rail-to-Rail Operational Amplifier
More results

Similar Description - MCP6292

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6291 MICROCHIP-MCP6291 Datasheet
689Kb / 36P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6291 MICROCHIP-MCP6291 Datasheet
589Kb / 32P
   1.0 mA, 10 MHz Rail-to-Rail Op Amp
2007
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
   450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6271 MICROCHIP-MCP6271 Datasheet
596Kb / 34P
   170 UA, 2 MHz Rail-to-Rail Op Amp
2004
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
   Rail to Rail Single OP AMP
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
   Rail to Rail Single OP AMP
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
   RAIL-TO-RAIL SINGLE OP AMP
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
   Rail-to-Rail Dual Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com