Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP7940MISN Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP7940MISN
Description  Low-Cost I2C??Real-Time Clock/Calendar with SRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940MISN Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP7940MISN Datasheet HTML 5Page - Microchip Technology MCP7940MISN Datasheet HTML 6Page - Microchip Technology MCP7940MISN Datasheet HTML 7Page - Microchip Technology MCP7940MISN Datasheet HTML 8Page - Microchip Technology MCP7940MISN Datasheet HTML 9Page - Microchip Technology MCP7940MISN Datasheet HTML 10Page - Microchip Technology MCP7940MISN Datasheet HTML 11Page - Microchip Technology MCP7940MISN Datasheet HTML 12Page - Microchip Technology MCP7940MISN Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS22292A-page 9
MCP7940M
4.0
RTCC FUNCTIONALITY
The MCP7940M family is a highly integrated RTCC.
On-board time and date counters are driven from a low-
power oscillator to maintain the time and date.
4.1
RTCC MEMORY MAP
The RTCC registers are contained in addresses
0x00h-0x1fh. 64 bytes of user-accessable SRAM are
located in the address range 0x20-0x5f. The SRAM
memory is a separate block from the RTCC control
and Configuration registers. Unused locations are not
accessible, MCP7940M will noACK after the address
byte if the address is out of range, as shown in the
shaded region of the memory map in Figure 4-1. The
shaded areas are not implemented and read as ‘0’. No
error checking is provided when loading time and date
registers.
• Addresses 0x00h-0x06h are the RTCC Time and
Date registers. These are read/write registers.
Care must be taken when accessing these regis-
ters while the oscillator is running.
• Incorrect data can appear in the Time and Date
registers if a write is attempted during the time
frame where these internal registers are being
incremented. The user can minimize the likeli-
hood of data corruption by ensuring that any
writes to the Time and Date registers occur before
the contents of the second register reach a value
of 0x59H.
• Addresses 0x07h-0x09h are the device Configu-
ration and Calibration.
• Addresses 0x0Ah-0x10h are the Alarm 0 regis-
ters. These are used to set up the Alarm 0, the
Interrupt polarity and the Alarm 0 compare.
• Addresses 0x11h-0x16h are the same as 0x0Bh-
0x11h but are used for Alarm 1.
• Addresses 0x17h-0x1Fh are reserved for future
use and should not be used.
The detailed memory map is shown in Table 4-1.
FIGURE 4-1:
MEMORY MAP
0x00
0x06
Time and Date
Configuration and Calibration
Alarm 0
Alarm 1
Reserved do not Use
SRAM (64 Bytes)
0x07
0x09
0x0A
0x10
0x11
0x16
0x17
0x1F
0x20
0x5F
0x60
0xFF


Similar Part No. - MCP7940MISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940MT MICROCHIP-MCP7940MT Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940M MICROCHIP-MCP7940M_14 Datasheet
1Mb / 52P
   Leap year compensated to 2399
03/25/14
More results

Similar Description - MCP7940MISN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP7940M MICROCHIP-MCP7940M Datasheet
1,006Kb / 38P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM
11/29/11
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940NT-I-MNY MICROCHIP-MCP7940NT-I-MNY Datasheet
1Mb / 42P
   Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
   Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
logo
Intersil Corporation
ISL1208 INTERSIL-ISL1208 Datasheet
393Kb / 21P
   I2C Real Time Clock/Calendar
logo
HAOYU MICROELECTRONIC.,...
HYM8563 HAOYU-HYM8563 Datasheet
166Kb / 12P
   I2C Real Time Clock/Calendar
logo
Intersil Corporation
ISL12057 INTERSIL-ISL12057 Datasheet
298Kb / 17P
   Low Cost and Low Power I2C RTC Real Time Clock/Calendar
ISL12059 INTERSIL-ISL12059 Datasheet
196Kb / 11P
   Low Cost and Low Power I2C Bus??Real Time Clock/Calendar
ISL12058 INTERSIL-ISL12058 Datasheet
329Kb / 19P
   Low Cost and Low Power I2C-Bus??Real Time Clock/Calendar
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com